Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335BWS Datasheet(PDF) 56 Page - STMicroelectronics

Part # STA335BWS
Description  2.1-channel high-efficiency digital audio system
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BWS Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STA335BWS Datasheet HTML 52Page - STMicroelectronics STA335BWS Datasheet HTML 53Page - STMicroelectronics STA335BWS Datasheet HTML 54Page - STMicroelectronics STA335BWS Datasheet HTML 55Page - STMicroelectronics STA335BWS Datasheet HTML 56Page - STMicroelectronics STA335BWS Datasheet HTML 57Page - STMicroelectronics STA335BWS Datasheet HTML 58Page - STMicroelectronics STA335BWS Datasheet HTML 59Page - STMicroelectronics STA335BWS Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
Register description
STA335BWS
56/68
9.
Read bottom 8-bits of coefficient b2 in I2C address 0x1C.
10. Read top 8-bits of coefficient a1 in I2C address 0x1D.
11. Read middle 8-bits of coefficient a1 in I2C address 0x1E.
12. Read bottom 8-bits of coefficient a1 in I2C address 0x1F.
13. Read top 8-bits of coefficient a2 in I2C address 0x20.
14. Read middle 8-bits of coefficient a2 in I2C address 0x21.
15. Read bottom 8-bits of coefficient a2 in I2C address 0x22.
16. Read top 8-bits of coefficient b0 in I2C address 0x23.
17. Read middle 8-bits of coefficient b0 in I2C address 0x24.
18. Read bottom 8-bits of coefficient b0 in I2C address 0x25.
Writing a single coefficient to RAM
1.
Select the RAM block with register 0x31 bit1, bit0.
2.
Write 6-bits of address to I2C register 0x16.
3.
Write top 8-bits of coefficient in I2C address 0x17.
4.
Write middle 8-bits of coefficient in I2C address 0x18.
5.
Write bottom 8-bits of coefficient in I2C address 0x19.
6.
Write 1 to W1 bit in I2C address 0x26.
Writing a set of coefficients to RAM
1.
Select the RAM block with register 0x31 bit1, bit0.
2.
Write 6-bits of starting address to I2C register 0x16.
3.
Write top 8-bits of coefficient b1 in I2C address 0x17.
4.
Write middle 8-bits of coefficient b1 in I2C address 0x18.
5.
Write bottom 8-bits of coefficient b1 in I2C address 0x19.
6.
Write top 8-bits of coefficient b2 in I2C address 0x1A.
7.
Write middle 8-bits of coefficient b2 in I2C address 0x1B.
8.
Write bottom 8-bits of coefficient b2 in I2C address 0x1C.
9.
Write top 8-bits of coefficient a1 in I2C address 0x1D.
10. Write middle 8-bits of coefficient a1 in I2C address 0x1E.
11. Write bottom 8-bits of coefficient a1 in I2C address 0x1F.
12. Write top 8-bits of coefficient a2 in I2C address 0x20.
13. Write middle 8-bits of coefficient a2 in I2C address 0x21.
14. Write bottom 8-bits of coefficient a2 in I2C address 0x22.
15. Write top 8-bits of coefficient b0 in I2C address 0x23.
16. Write middle 8-bits of coefficient b0 in I2C address 0x24.
17. Write bottom 8-bits of coefficient b0 in I2C address 0x25.
18. Write 1 to WA bit in I2C address 0x26.
The mechanism for writing a set of coefficients to RAM provides a method of updating the
five coefficients corresponding to a given biquad (filter) simultaneously to avoid possible
unpleasant acoustic side-effects. When using this technique, the 6-bit address specifies the
address of the biquad b1 coefficient (for example, 0, 5, 10, 20, 35 decimal), and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com