Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335BWS Datasheet(PDF) 57 Page - STMicroelectronics

Part # STA335BWS
Description  2.1-channel high-efficiency digital audio system
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BWS Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STA335BWS Datasheet HTML 53Page - STMicroelectronics STA335BWS Datasheet HTML 54Page - STMicroelectronics STA335BWS Datasheet HTML 55Page - STMicroelectronics STA335BWS Datasheet HTML 56Page - STMicroelectronics STA335BWS Datasheet HTML 57Page - STMicroelectronics STA335BWS Datasheet HTML 58Page - STMicroelectronics STA335BWS Datasheet HTML 59Page - STMicroelectronics STA335BWS Datasheet HTML 60Page - STMicroelectronics STA335BWS Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
STA335BWS
Register description
57/68
STA335BWS generates the RAM addresses as offsets from this base value to write the
complete set of coefficient data.
6.12.18
User-defined EQ
The STA335BWS provides the ability to specify four EQ filters (biquads) per each of the two
input channels. The biquads use the following equation:
Y[n] = 2(b0/2)X[n] + 2(b1/2)X[n-1] + b2X[n-2] - 2(a1/2)Y[n-1] - a2Y[n-2]
= b0X[n] + b1X[n-1] + b2X[n-2] - a1Y[n-1] - a2Y[n-2]
where Y[n] represents the output and X[n] represents the input. Multipliers are 24-bit signed
fractional multipliers, with coefficient values in the range of 0x800000 (-1) to 0x7FFFFF
(0.9999998808).
Coefficients stored in the user-defined coefficient RAM are referenced as follows:
CxHy0 = b1/2
CxHy1 = b2
CxHy2 = -a1/2
CxHy3 = -a2
CxHy4 = b0/2
where x represents the channel and the y the biquad number. For example C2H41 is the
b2 coefficient in the fourth biquad for channel 2.
Additionally, the STA335BWS allows specification of a high-pass filter (processing channels
1 and 2) and a lo-pass filter (processing channel 3) to be used for bass-management
crossover when the XO setting is 000 (user-defined). Both of these filters when defined by
the user (rather than using the preset crossover filters) are second order filters that use the
biquad equation noted above. They are loaded into the C12H0-4 and C3Hy0-4 areas of
RAM noted in Table 31.
By default, all user-defined filters are pass-through where all coefficients are set to 0, except
the b0/2 coefficient which is set to 0x400000 (representing 0.5)
6.12.19
Pre-scale
The STA335BWS provides a multiplication for each input channel for the purpose of scaling
the input prior to EQ. This pre-EQ scaling is accomplished by using a 24-bit signed
fractional multiplier, with 0x800000 = -1 and 0x7FFFFF = 0.9999998808. The scale factor
for this multiply is loaded into RAM using the same I2C registers as the biquad coefficients
and the bass-management. All channels can use the channel 1 pre-scale factor by setting
the Biquad link bit. By default, all pre-scale factors are set to 0x7FFFFF.
6.12.20
Post-scale
The STA335BWS provides one additional multiplication after the last interpolation stage and
the distortion compensation on each channel. This post-scaling is accomplished by using a
24-bit signed fractional multiplier, with 0x800000 = -1 and 0x7FFFFF = 0.9999998808. The
scale factor for this multiply is loaded into RAM using the same I2C registers as the biquad
coefficients and the bass-management. This post-scale factor can be used in conjunction
with an ADC equipped micro-controller to perform power-supply error correction. All
channels can use the channel 1 post-scale factor by setting the post-scale link bit. By
default, all post-scale factors are set to 0x7FFFFF. When line output is being used,
channel 3 post-scale affects both channels 3 and 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com