Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335BWS Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA335BWS
Description  2.1-channel high-efficiency digital audio system
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BWS Datasheet(HTML) 1 Page - STMicroelectronics

  STA335BWS Datasheet HTML 1Page - STMicroelectronics STA335BWS Datasheet HTML 2Page - STMicroelectronics STA335BWS Datasheet HTML 3Page - STMicroelectronics STA335BWS Datasheet HTML 4Page - STMicroelectronics STA335BWS Datasheet HTML 5Page - STMicroelectronics STA335BWS Datasheet HTML 6Page - STMicroelectronics STA335BWS Datasheet HTML 7Page - STMicroelectronics STA335BWS Datasheet HTML 8Page - STMicroelectronics STA335BWS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
January 2008
Rev 1
1/68
1
STA335BWS
2.1-channel high-efficiency digital audio system
Features
! Wide supply voltage range
– 4.5 V to 21.5 V operating
– 24 V absolute maximum rating
! Three power-output configurations
– 2-channel ternary PWM (stereo mode)
(2 x 20 W into 8
Ω at 18 V)
– 3-channel (left, right using binary and LFE)
ternary PWM (2.1 mode) (2 x 9 W +
1x20 W into 2x4
Ω, 1 x 8 Ω at 18 V)
– 2-channel ternary PWM (2 x 20 W) +
stereo lineout ternary
! 2.1 channels of 24-bit DDX®
! 100 dB SNR and dynamic range
! Selectable 32 kHz to 192 kHz input sample
rates
! I2C control with selectable device address
! Digital gain/attenuation +48 dB to -80 dB in
0.5 dB steps
! Software volume update
! Individual channel and master gain/attenuation
! Dual independent limiters/compressors
! Dynamic range compression or anti-clipping
modes
! Automodes
– 15 preset cross-over filters
– 5 preset anti-clipping modes
– Preset night-time listening mode
! Individual channel and master software and
hardware mute
! Independent channel volume and DSP bypass
! Automatic zero-detect mute
! Automatic invalid input detect mute
! 2-channel I2S input data interface
! Input and output channel mapping
! 4 x 28-bit user programmable biquads (EQ) per
channel
! Up to 3 different EQ coefficients settings can
be stored and selected using I2C interface
! Bass/treble tone control
! DC-blocking selectable high-pass filter
! Selectable de-emphasis
! Sub channel mix into left and right channels
! Advanced AM interference frequency
switching and noise-suppression modes
! Selectable high or low-bandwidth
noise-shaping topologies
! Variable max power correction for lower
full-power THD
! Selectable clock input ratio
! 96 kHz internal processing sample rate,
24 to 28-bit precision
! Thermal overload and short-circuit protection
embedded
! Video application: 576 x fs input mode
supported
! PowerSSO-36 exposed pad down package
Figure 1.
Device summary
PowerSSO-36
Exposed pad down
Order code
Package
Packaging
STA335BWS
PowerSSO-36 exposed pad down
Tube
STA335BWS13TR
PowerSSO-36 exposed pad down
Tape and reel
www.st.com


Similar Part No. - STA335BWS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA335BWSQS STMICROELECTRONICS-STA335BWSQS Datasheet
1Mb / 70P
2.1-channel, high-efficiency digital audio system with QSound QHD®
05-Mar-2009
STA335BWSQS13TR STMICROELECTRONICS-STA335BWSQS13TR Datasheet
1Mb / 70P
2.1-channel, high-efficiency digital audio system with QSound QHD®
05-Mar-2009
More results

Similar Description - STA335BWS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA323W STMICROELECTRONICS-STA323W Datasheet
782Kb / 41P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
Jan-2005
STA323W STMICROELECTRONICS-STA323W_06 Datasheet
811Kb / 71P
2.1 high efficiency digital audio system
15-Nov-2006
STA326 STMICROELECTRONICS-STA326 Datasheet
1Mb / 43P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
May-2006
STA335BW STMICROELECTRONICS-STA335BW Datasheet
604Kb / 54P
2.1 channels high efficiency digital audio system
20-Dec-2006
STA328 STMICROELECTRONICS-STA328 Datasheet
409Kb / 41P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
May-2006
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
2.1-channel high-efficiency digital audio system
26-Jul-2007
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
2.1-channel high-efficiency digital audio system
13-May-2008
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
2.1-channel high-efficiency digital audio system
22-May-2008
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
2.1-channel high-efficiency digital audio system
04-Aug-2010
STA369BW STMICROELECTRONICS-STA369BW Datasheet
2Mb / 88P
Sound Terminal® 2.1-channel high-efficiency digital audio system
21-Jul-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com