Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335BWS Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA335BWS
Description  2.1-channel high-efficiency digital audio system
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BWS Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA335BWS Datasheet HTML 12Page - STMicroelectronics STA335BWS Datasheet HTML 13Page - STMicroelectronics STA335BWS Datasheet HTML 14Page - STMicroelectronics STA335BWS Datasheet HTML 15Page - STMicroelectronics STA335BWS Datasheet HTML 16Page - STMicroelectronics STA335BWS Datasheet HTML 17Page - STMicroelectronics STA335BWS Datasheet HTML 18Page - STMicroelectronics STA335BWS Datasheet HTML 19Page - STMicroelectronics STA335BWS Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
Electrical specifications
STA335BWS
16/68
IHDT
High current dead time
(dynamic)
I
load = 1.5 A
(1)
15
30
ns
tr
Rise time
Resistive load (1)
10
18
ns
tf
Fall time
Resistive load (1)
10
18
ns
Vcc
Supply voltage operating
voltage
4.5
21.5
V
Ivcc
Supply current from Vcc in
power down
PWRDN = 0
0.1
1
mA
Supply current from Vcc in
operation
PCM Input signal = -60 dBFS
Switching frequency = 384 kHz
No LC filters
52
60
mA
Ivdd
Supply current DDX processing
(reference only)
Internal clock = 49.152 MHz
55
70
mA
Ilim
Overcurrent limit
(2)
2.2
3.0
4.0
A
Isc
Short circuit protection
Hi-Z output
2.7
3.6
A
UVL
Under voltage protection
3.5
4.3
V
tmin
Output minimum pulse width
No load
20
30
60
ns
DR
Dynamic range
100
dB
SNR
Signal to noise ratio, ternary
mode
A-Weighted
100
dB
Signal to noise ratio binary
mode
90
dB
PSSR
Power supply rejection ratio
DDX stereo mode, <5 kHz
VRIPPLE = 1 V RMS
Audio input = dither only
80
dB
THD+N
Total harmonic distortion +
noise
DDX stereo mode, Po = 1 W
f = 1 kHz
0.2
%
XTALK
Crosstalk
DDX stereo mode, <5 kHz
One channel driven @ 1 W
Other channel measured
80
dB
η
Peak efficiency, DDX mode
Po = 2 x 20 W into 8
Ω
90
%
Peak efficiency, binary modes
Po = 2 x 9 W into 4
Ω,
1 x 20 W into 8
Ω
87
1.
Refer to Figure 4: Test circuit 1.
2.
Limit current if the register (OCRB par 6.1.3.3) overcurrent warning detect adjustment bypass is enabled. When disabled
refer to Isc.
Table 6.
Electrical specifications - power section (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com