Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335BWS Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA335BWS
Description  2.1-channel high-efficiency digital audio system
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BWS Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA335BWS Datasheet HTML 11Page - STMicroelectronics STA335BWS Datasheet HTML 12Page - STMicroelectronics STA335BWS Datasheet HTML 13Page - STMicroelectronics STA335BWS Datasheet HTML 14Page - STMicroelectronics STA335BWS Datasheet HTML 15Page - STMicroelectronics STA335BWS Datasheet HTML 16Page - STMicroelectronics STA335BWS Datasheet HTML 17Page - STMicroelectronics STA335BWS Datasheet HTML 18Page - STMicroelectronics STA335BWS Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
STA335BWS
Electrical specifications
15/68
3.3
Electrical specifications - digital section
3.4
Electrical specifications - power section
The specifications given in this section are with the operating conditions VCC = 18 V, f =
1 kHz, fsw = 384 kHz, Tamb = 25° C, RL = 8 Ω, unless otherwise specified.
Table 5.
Electrical specifications - digital section
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Iil
Low level input current without pull device Vi = 0 V
-10
10
µA
Iih
High level input current without pull device
Vi = VDD_DIG =
3.6 V
-10
10
µA
Vil
Low level input voltage
0.2*VDD_DIG
V
Vih
High level input voltage
0.8*VDD_DIG
V
Vol
Low level output voltage
Iol = 2 mA
0.4*VDD_DIG
V
Voh
High level output voltage
Ioh = 2 mA
0.8*VDD_DIG
V
Ipu
Pull current
-25
66
125
µA
Rpu
Equivalent pull resistance
50
K
Ω
Table 6.
Electrical specifications - power section
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Po
Output power BTL
VCC = 18 V
THD = 1%
16
W
THD = 10%
20
Output power SE
VCC = 18V
THD = 1%
4
W
THD = 10%
5
RdsON
Power Pchannel/Nchannel
MOSFET (total bridge)
ld = 1.5 A
180
250
m
Ω
gP
Power Pchannel RdsON
matching
ld = 1.5 A
95
%
gN
Power Nchannel RdsON
matching
ld = 1.5 A
95
%
Idss
Power Pchannel/Nchannel
leakage ldss
VCC = 20 V
10
µA
gP
Power Pchannel RdsON
Matching
ld = 1.5 A
95
%
gN
Power Nchannel RdsON
Matching
ld = 1.5 A
95
%
Idss
Power Pchannel/Nchannel
leakage
VCC = 20 V
10
µA
ILDT
Low current dead time (static)
Resistive load(1)
8
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com