Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680Q Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA680Q
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680Q Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA680Q Datasheet HTML 10Page - STMicroelectronics STA680Q Datasheet HTML 11Page - STMicroelectronics STA680Q Datasheet HTML 12Page - STMicroelectronics STA680Q Datasheet HTML 13Page - STMicroelectronics STA680Q Datasheet HTML 14Page - STMicroelectronics STA680Q Datasheet HTML 15Page - STMicroelectronics STA680Q Datasheet HTML 16Page - STMicroelectronics STA680Q Datasheet HTML 17Page - STMicroelectronics STA680Q Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
I/O description
STA680
14/43
Host processor interfaces
16
B9
SPI1_SS0_N
input
1.8 V or 3.3 V
Generic IO
Supply
SPI interface 1 active-low slave
select
17
A8
SPI1_SCK
input
1.8 V or 3.3 V
Generic IO
Supply
SPI interface 1 serial clock
18
B8
SPI1_MOSI
input
1.8 V or 3.3 V
Generic IO
Supply
SPI interface 1 serial data master
out/slave in
21
A7
SPI1_MISO
output 1.8 V or 3.3 V
Generic IO
Supply
SPI interface 1 serial data master
in/slave out
24
B7
IIC1_SCL
in/out
1.8 V or 3.3 V
Generic IO
Supply
IIC interface 1 serial clock line
25
A6
IIC1_SDA
in/out
1.8 V or 3.3 V
Generic IO
Supply
IIC interface 1 serial data line
Not
bonded
C7
IIC1_DA
in/out
1.8 V or 3.3 V
Generic IO
Supply
IIC interface 1 data
acknowledged
Not
bonded
C6
IIC2_SCL
in/out
1.8 V or 3.3 V
Generic IO
Supply
IIC interface 2 serial clock line
Not
bonded
C4
IIC2_SDA
in/out
1.8 V or 3.3 V
Generic IO
Supply
IIC interface 2 serial data line
Not
bonded
D4
IIC2_DA
in/out
1.8 V or 3.3 V
Generic IO
Supply
IIC interface 2 data
acknowledged
I2S tuner interfaces
40
C2
BB1_I
input
1.8 V or 3.3 V
Generic IO
Supply
Primary base-band interface
serial I data
35
B2
BB1_Q
input
1.8 V or 3.3 V
Generic IO
Supply
Primary base-band interface
serial Q data
41
C1
BB1_WS
input
1.8 V or 3.3 V
Generic IO
Supply
Primary base-band interface
word strobe
42
D3
BB1_BCK
input
1.8 V or 3.3 V
Generic IO
Supply
Primary base-band interface bit
clock
31
A4
BB2_I
input
1.8 V or 3.3 V
Generic IO
Supply
Secondary base-band interface
serial I data
26
B6
BB2_Q
input
1.8 V or 3.3 V
Generic IO
Supply
Secondary base-band interface
serial Q data
32
B4
BB2_WS
input
1.8 V or 3.3 V
Generic IO
Supply
Secondary base-band interface
word strobe
33
A3
BB2_BCK
input
1.8 V or 3.3 V
Generic IO
Supply
Secondary base-band interface
bit clock
Table 2.
Pins description (continued)
Pin #
Ball #
Signal name
Type
Electrical
Supply
group
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com