Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680Q Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA680Q
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680Q Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA680Q Datasheet HTML 13Page - STMicroelectronics STA680Q Datasheet HTML 14Page - STMicroelectronics STA680Q Datasheet HTML 15Page - STMicroelectronics STA680Q Datasheet HTML 16Page - STMicroelectronics STA680Q Datasheet HTML 17Page - STMicroelectronics STA680Q Datasheet HTML 18Page - STMicroelectronics STA680Q Datasheet HTML 19Page - STMicroelectronics STA680Q Datasheet HTML 20Page - STMicroelectronics STA680Q Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
STA680
I/O description
17/43
91
M8
SDR_D10
in/out
3.3 V
SDRAM IO
Supply
SDRAM bidirectional data bit 10
90
P7
SDR_D11
in/out
3.3 V
SDRAM IO
Supply
SDRAM bidirectional data bit 11
89
N7
SDR_D12
in/out
3.3 V
SDRAM IO
Supply
SDRAM bidirectional data bit 12
86
M7
SDR_D13
in/out
3.3 V
SDRAM IO
Supply
SDRAM bidirectional data bit 13
85
P6
SDR_D14
in/out
3.3 V
SDRAM IO
Supply
SDRAM bidirectional data bit 14
84
N6
SDR_D15
in/out
3.3 V
SDRAM IO
Supply
SDRAM bidirectional data bit 15
110
N13
SDR_DQM0
output
3.3 V
SDRAM IO
Supply
low-byte data input/output mask
111
M13
SDR_DQM1
output
3.3 V
SDRAM IO
Supply
high-byte data input/output mask
127
G13
SDR_WE_N
output
3.3 V
SDRAM IO
Supply
Active-low write enable
128
G12
SDR_CAS_N
output
3.3 V
SDRAM IO
Supply
Active-low column address strobe
129
F13
SDR_RAS_N
output
3.3 V
SDRAM IO
Supply
Active-low row address strobe
112
M14
SDR_CKE
output
3.3 V
SDRAM IO
Supply
Clock enable
132
F14
SDR_CS_N
output
3.3 V
SDRAM IO
Supply
Active-low chip select
133
E13
SDR_BA0
output
3.3 V
SDRAM IO
Supply
Bank select address 0
134
E14
SDR_BA1
output
3.3 V
SDRAM IO
Supply
Bank select address 1
138
D14
SDR_A0
output
3.3 V
SDRAM IO
Supply
Address bit 0 toSDRAM
139
C13
SDR_A1
output
3.3 V
SDRAM IO
Supply
Address bit 1 toSDRAM
140
C14
SDR_A2
output
3.3 V
SDRAM IO
Supply
Address bit 2 toSDRAM
141
B13
SDR_A3
output
3.3 V
SDRAM IO
Supply
Address bit 3 toSDRAM
126
H12
SDR_A4
output
3.3 V
SDRAM IO
Supply
Address bit 4 toSDRAM
123
H13
SDR_A5
output
3.3 V
SDRAM IO
Supply
Address bit 5 toSDRAM
Table 2.
Pins description (continued)
Pin #
Ball #
Signal name
Type
Electrical
Supply
group
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com