Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680Q Datasheet(PDF) 41 Page - STMicroelectronics

Part # STA680Q
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680Q Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STA680Q Datasheet HTML 35Page - STMicroelectronics STA680Q Datasheet HTML 36Page - STMicroelectronics STA680Q Datasheet HTML 37Page - STMicroelectronics STA680Q Datasheet HTML 38Page - STMicroelectronics STA680Q Datasheet HTML 39Page - STMicroelectronics STA680Q Datasheet HTML 40Page - STMicroelectronics STA680Q Datasheet HTML 41Page - STMicroelectronics STA680Q Datasheet HTML 42Page - STMicroelectronics STA680Q Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
STA680
Package information
41/43
Figure 15. LFBGA 168 balls (12x12x1.4 mm) mechanical data and package
dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.400
0.0551
A1
0.210
0.0083
A2
0.200
0.0078
A4
0.800
0.0315
b
0.350
0.400
0.450 0.0138 0.0157 0.0177
D
11.850 12.000 12.150 0.4665 0.4724 0.4783
D1
10.400
0.4094
E
11.850 12.000 12.150 0.4665 0.4724 0.4783
E1
10.400
0.4094
e
0.800
0.0315
Z
0.800
0.0315
ddd
0.100
0.0039
eee
0.150
0.0059
fff
0.080
0.0031
LFBGA 168 balls
Low profile Fine Pitch Ball Grid Array
8123111 B
Body: 12 x 12 x 1.4mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com