Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680Q Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA680Q
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680Q Datasheet(HTML) 1 Page - STMicroelectronics

  STA680Q Datasheet HTML 1Page - STMicroelectronics STA680Q Datasheet HTML 2Page - STMicroelectronics STA680Q Datasheet HTML 3Page - STMicroelectronics STA680Q Datasheet HTML 4Page - STMicroelectronics STA680Q Datasheet HTML 5Page - STMicroelectronics STA680Q Datasheet HTML 6Page - STMicroelectronics STA680Q Datasheet HTML 7Page - STMicroelectronics STA680Q Datasheet HTML 8Page - STMicroelectronics STA680Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
July 2008
Rev 1
1/43
1
STA680
HD Radio™ base-band receiver
Features
General
■ HD Radio signal decoding for AM and FM
digital audio
■ Tensilica™ signal/audio processing core
architecture running up to 166 MHz
■ Hardware support for conditional access
(one-time programmable 640-bit memory)
■ 2 internal PLLs: processor cores and
peripheral bus
■ 1 Internal clock oscillator and external clock input
■ Less than 200 mW with core voltage of 1.2 V
and I/O voltage of 3.3 V
■ Temperature range: -40 to +85 °C
Memories
■ Internal boot ROM
■ SDRAM controller addressing up to 512 Mbit of
SDRAM in x16 configuration
■ Serial Flash memory interface for application
code loading
Turner interface
■ Support of RF-IF peripheral processor (RIPP)
and other front ends such as STA3004 and
STA7506
■ Input from RF front-end via programmable
serial interface supporting 650 kS/s, 675 kS/s,
744.1875 kS/s, 882 kS/s, 912 kS/s sample rates
■ Secondary RF front-end interface for dual tuner
applications
Other interfaces
■ One stereo audio sample rate converter
(44.1 kS/s, 45.6 kS/s, 48 kS/s)
■ One input and three stereo channels audio
output (by IIS serial audio interface)
■ 2 IIC and 3 SPI serial interfaces
■ 1 UART interface
■ 1 GPIO interface (8 lines)
■ SD/MMC interface via SPI
■ JTAG interface
Supported HD Radio system capabilities
■ Multicasting
■ Program service data
■ Real-time traffic
■ Audio time shifting
■ iTunes Tagging ™
■ Surround sound
Applications
■ Car radio
■ Personal navigation device (PND)
■ Portable battery operated systems
LQFP144 (20x20x1.4 mm)
LFBGA 168 balls
(12x12x1.4 mm)
Table 1.
Device summary
Order code
Package(1)
1.
ECOPACK® compliant.
Packing
STA680
LFBGA 168 balls (12x12x1.4 mm)
Tray
STA680Q
LQFP144 (20x20mm)
Tray
www.st.com


Similar Part No. - STA680Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA680 STMICROELECTRONICS-STA680 Datasheet
784Kb / 48P
Automotive HD Radio™ baseband receiver
22-Mar-2019
STA680D STMICROELECTRONICS-STA680D Datasheet
784Kb / 48P
Automotive HD Radio™ baseband receiver
22-Mar-2019
STA680DTR STMICROELECTRONICS-STA680DTR Datasheet
784Kb / 48P
Automotive HD Radio™ baseband receiver
22-Mar-2019
STA680TR STMICROELECTRONICS-STA680TR Datasheet
784Kb / 48P
Automotive HD Radio™ baseband receiver
22-Mar-2019
STA680 STMICROELECTRONICS-STA680_V01 Datasheet
784Kb / 48P
Automotive HD Radio™ baseband receiver
22-Mar-2019
More results

Similar Description - STA680Q

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4739-B20-GMR SILABS-SI4739-B20-GMR Datasheet
194Kb / 24P
BROADCAST MULTI-BAND RADIO RECEIVER
logo
List of Unclassifed Man...
SI4763-A10-GM ETC2-SI4763-A10-GM Datasheet
51Kb / 2P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
Silicon Laboratories
SI4683-A10 SILABS-SI4683-A10 Datasheet
53Kb / 2P
Single-Chip, AM/FM/HD Radio Receiver
SI4682-A10 SILABS-SI4682-A10 Datasheet
998Kb / 3P
Single-Chip, FM/HD Radio Receiver
SI4688-A10 SILABS-SI4688-A10 Datasheet
993Kb / 3P
Single-Chip, FM/HD/DAB/DAB Radio Receiver
SI4736-B20 SILABS-SI4736-B20 Datasheet
624Kb / 38P
BROADCAST WEATHER BAND RADIO RECEIVER
SI4770-A20 SILABS-SI4770-A20 Datasheet
1,004Kb / 3P
High-Performance Consumer Electronics Broadcast Radio Receiver and HD Radio Tuner
SI4682-A10-GDR SILABS-SI4682-A10-GDR Datasheet
1,022Kb / 3P
Single-Chip, FM/HD Radio Receiver
SI4763-A20-AM SILABS-SI4763-A20-AM Datasheet
995Kb / 3P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
SI4769-A41-GMR SILABS-SI4769-A41-GMR Datasheet
995Kb / 3P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com