Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680Q Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA680Q
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680Q Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA680Q Datasheet HTML 25Page - STMicroelectronics STA680Q Datasheet HTML 26Page - STMicroelectronics STA680Q Datasheet HTML 27Page - STMicroelectronics STA680Q Datasheet HTML 28Page - STMicroelectronics STA680Q Datasheet HTML 29Page - STMicroelectronics STA680Q Datasheet HTML 30Page - STMicroelectronics STA680Q Datasheet HTML 31Page - STMicroelectronics STA680Q Datasheet HTML 32Page - STMicroelectronics STA680Q Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
STA680
Digital I/O and memory interfaces
29/43
Figure 10.
Serial audio interface waveforms and timings
In Table 9 are reported the timing values for the output SAI interface.
5.3.2
Input serial audio interface
The input serial audio interface is used to receive the legacy AM/FM demodulated samples
from an external AM/FM Tuner for blending purpose.
The input SAI is an I2S interface which accepts 16 bit audio samples in stereo at a 44,100
S/s sample rate. Other sample rates may be supported by means of the internal ASRC. For
pin description refers to Table 8.
The input SAI supports a 32x or 64x bit clock. The 32x clock mode shifts out serial data with
no padding. The 64x clock mode shifts out the 16-bit audio data first followed by 16 bits of
zero padding. Figure 10 shows timing diagrams for the supported modes.
5.3.3
S/PDIF interface
The S/PDIF Interface is an output only. It is compliant to the standard IEC 958 type II. For
pin description refers to Table 8.
D15 D14 D13 D12 D11 D10 D9 D8
D7
D6
D5
D4
D3
D2
D1
D0 D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
LEFT
RIGHT
AWS
ABCK
ADAT
32X Mode (16 - bit data)
D15 D14 D13
…
…
D3
D2
D1
D0
0
0
0
0
0D15 D14 D13
D3
D2
D1
D0
00
0
0
0
LEFT
RIGHT
AWS
ABCK
ADAT
64X Mode (32 - bit data)
…
…
1/Faws
1/Faws
1/Fabck,16
1/Fabck,32
Th
Ts
AC00717
Table 9.
Serial audio interface timing values
Symbol
Parameter
Condition
Working rate
Unit
Faws
Word strobe
44.1 ±10 Hz 45.6 ±15 Hz
48 ±15 Hz
kHz
Fabck,16
Bit clock for 16-bit data
32 x Faws
MHz
Fabck,32
Bit clock for 32-bit data
64 x Faws
MHz
Th
Data hold time
5
ns
Ts
Data setup time
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com