Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680Q Datasheet(PDF) 36 Page - STMicroelectronics

Part # STA680Q
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680Q Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STA680Q Datasheet HTML 32Page - STMicroelectronics STA680Q Datasheet HTML 33Page - STMicroelectronics STA680Q Datasheet HTML 34Page - STMicroelectronics STA680Q Datasheet HTML 35Page - STMicroelectronics STA680Q Datasheet HTML 36Page - STMicroelectronics STA680Q Datasheet HTML 37Page - STMicroelectronics STA680Q Datasheet HTML 38Page - STMicroelectronics STA680Q Datasheet HTML 39Page - STMicroelectronics STA680Q Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
Digital I/O and memory interfaces
STA680
36/43
Table 19.
SDRAM interface timing values
Symbol
Parameter
Condition
Min.
Max.
Unit
Tck
SCL clock period
6.06
-
ns
Tch
CLK high level width
2.5
-
ns
Tcl
CLK low level width
2.5
-
ns
Tdh
Data hold time
2
-
ns
Tds
Data setup time
2
-
ns
Tac
Access time from clock
(posedge)
-5.4
ns
Toh
Data out hold time
1.8
-
ns
Tt
Transition time
-
1.2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com