Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680Q Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA680Q
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680Q Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA680Q Datasheet HTML 27Page - STMicroelectronics STA680Q Datasheet HTML 28Page - STMicroelectronics STA680Q Datasheet HTML 29Page - STMicroelectronics STA680Q Datasheet HTML 30Page - STMicroelectronics STA680Q Datasheet HTML 31Page - STMicroelectronics STA680Q Datasheet HTML 32Page - STMicroelectronics STA680Q Datasheet HTML 33Page - STMicroelectronics STA680Q Datasheet HTML 34Page - STMicroelectronics STA680Q Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
STA680
Digital I/O and memory interfaces
31/43
Figure 11.
Three SPI timing diagrams and waveform
In Table 10 are reported the timing values for the SPI interface.
5.4.1
Host micro serial peripheral interface (SPI1)
The Host Micro SPI is used as a host processor interface. The usage of this interface is
optional because the STA680 is able to communicate with an external microcontroller also
via I2C protocol (see Chapter 5.4.5, Host micro I2C interface).
The Host Micro SPI is a slave only interface.
For pin description see Table 11.
Table 10.
SPI interface timing values
Symbol
Parameter
Condition
Working rate
Unit
Min.
Max.
Tss
Chip select
8/Fsck
kHz
Fsck
Serial bit clock, slave mode
1.076
8000
kHz
Fsck
Serial bit clock, master mode
1.076
25000
kHz
Th
Data hold time
7
ns
Ts
Data setup time
15
ns
D6
D5
D4
D3
D2
D1
D0
SPIx_SCK cpol =0
Ts
Th
1/Fsck
D7
Z
Z
SPIx_SCK cpol =1
D6
D5
D4
D3
D2
D1
D0
D7
Z
Z
1/Fsck
Ts
Th
Tss
SPIx_MOSI/MISO
SPIx_MOSI/MISO
SPIx_SS_N
AC00718
Table 11.
Host Micro SPI pin list
Pin name
Designation
Type
Drive
SPI1_MISO (1)
1.
Slave only interface.
Host Micro SPI data master in/slave out
O
4mA
SPI1_MOSI (1)
Host Micro SPI data master out/slave in
I
-
SPI1_SCK
Host Micro SPI clock
O
4mA
SPI1_SS_N
Host Micro SPI active-low slave select 1
O
4mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com