Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680Q Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA680Q
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680Q Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA680Q Datasheet HTML 20Page - STMicroelectronics STA680Q Datasheet HTML 21Page - STMicroelectronics STA680Q Datasheet HTML 22Page - STMicroelectronics STA680Q Datasheet HTML 23Page - STMicroelectronics STA680Q Datasheet HTML 24Page - STMicroelectronics STA680Q Datasheet HTML 25Page - STMicroelectronics STA680Q Datasheet HTML 26Page - STMicroelectronics STA680Q Datasheet HTML 27Page - STMicroelectronics STA680Q Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Operation and general remarks
STA680
24/43
4.2.2
Oscillator setting time
Once the power supply has reached the operating level, the internal voltage regulator gets
functional after TDC1V8 = 300 µs (see Table 4) and starts supplying the 1.8 V voltage to
internal IPs such as PLLs and Crystal Oscillator.
The PLL is powered up but not yet functioning since the internal logic keeps it in bypass
mode until a stable clock is available and STA680 has entered the secondary boot phase.
As shown in Figure 8, if an external crystal is connected to the internal oscillator this will
output a correct waveform after TOSC = 0.18 ms (seeTable 4).
At this time, if no crystal is used, a digital clock must be supplied according to the
instructions detailed in Section 4.1.
Either if an external crystal is used or the reference clock is provided through a digital
source, the RESET_N pin must be kept low for an additional TRST = 1.1 µs.
As described in Section 4.1 the internal clock configuration is defined latching on the rising
edge of the RESET_N signal the value of the pins ADAT3, BLEND and DAC256X; the value
of this three signals must be stable at least TCFG = 0.1 µs before the leading edge of the
RESET_N signal.
4.2.3
Boot sequence
Once the RESET_N signal has been released and the power up sequence correctly
performed, the STA680 enters the boot procedure, which consists of two phases consisting
of device setup and application authentication and download.
During the first phase the STA680 executes the on-chip primary boot code contained in the
32 kilobyte Boot ROM. The primary boot synchronizes the internal cores, initializes the SPI
and IIC interfaces and automatically selects the secondary boot code source by searching a
pre-defined pattern into UART1, Flash, SPI1, IIC1 and IIC2.
Once the device on which the secondary boot resides has been found, following tasks are
performed: the code is authenticated, the SDRAM is initialized and the secondary boot code
is downloaded into it.
The downloading speed depends on the device reference clock frequency even if this
parameter does not have a big impact on the overall boot time since the dimension of this
part of the code is small.
During the second phase of the boot procedure to achieve acceptable boot time the STA680
performs PLLs setup and takes the internal clock frequency to 28.224 MHz (see Figure 8)
then downloads and validates the application code from the external Flash memory. This
last task ends the boot procedure.
4.2.4
Normal operation mode
After the execution of the boot code, the device enters the normal operation mode by
jumping to the main program loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com