Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680Q Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA680Q
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680Q Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA680Q Datasheet HTML 18Page - STMicroelectronics STA680Q Datasheet HTML 19Page - STMicroelectronics STA680Q Datasheet HTML 20Page - STMicroelectronics STA680Q Datasheet HTML 21Page - STMicroelectronics STA680Q Datasheet HTML 22Page - STMicroelectronics STA680Q Datasheet HTML 23Page - STMicroelectronics STA680Q Datasheet HTML 24Page - STMicroelectronics STA680Q Datasheet HTML 25Page - STMicroelectronics STA680Q Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
Operation and general remarks
STA680
22/43
Figure 7 shows a simplified version of the internal clock generation unit.
Figure 7.
Clock generation unit
Some remarks on the choice of the clock input pin must be done:
●
OSC_IN is always a 1.8 V input pin.
●
CLK_IN, BB1_BCK and AUDIO_IN_ABCK are 3.3 V pins when the LQFP package is
selected while they can be configured as a 3.3 V or 1.8 V pins if the LFBGA is chosen
(see Chapter 3.4)
●
When the clock is fed through CLK_IN pin, the OSC_IN pin must be connected to
ground. Similarly if the clock is fed using CLK_IN pin then the OSC_IN pin must be
connected to ground.
●
The BB1_BCK pin is the bit clock of the digital interface to the base-band Tuner, so to
fed the reference clock through this pin the selected clock frequency must be chosen
accordingly to the Primary base-band Interface settings (see Chapter 5.2):
–
10.4 MHz = 16 * 2 * 650 kHz
→ BBI set to 650 Ksample/s
–
10.8 MHz = 16 * 2 * 675 kHz
→ BBI set to 675 Ksample/s
–
14.112 MHz = 16 * 2 * 882 kHz
→ BBI set to 882 Ksample/s
●
The AUDIO_IN_ABCK is the bit clock of the digital audio input interface to the Tuner.
When this pin is selected as clock source the STA680 Input Serial Audio Interface (see
Chapter 5.3.2) must be set according to following specification:
–Slave mode
–
Input sample rate = 45.6 kHz
–
Word length = 32 bit
With this settings the reference clock frequency is 2.9184 MHz = 32 * 2 * 45.6 kHz.
Internal
Oscillator
OSCI_OUT
OSCI_IN
BB1_BCK
AUDIO_IN_ABCK
CLK_IN
Encoder
OSC_EN
CLK_SEL
Core Clock
PLL
Peripheral
Clock PLL
PLL Settings
Clock to Cores
Clock to Peripherals
AC00712



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com