Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ADE3800_05 Datasheet HTML 50Page - STMicroelectronics ADE3800_05 Datasheet HTML 51Page - STMicroelectronics ADE3800_05 Datasheet HTML 52Page - STMicroelectronics ADE3800_05 Datasheet HTML 53Page - STMicroelectronics ADE3800_05 Datasheet HTML 54Page - STMicroelectronics ADE3800_05 Datasheet HTML 55Page - STMicroelectronics ADE3800_05 Datasheet HTML 56Page - STMicroelectronics ADE3800_05 Datasheet HTML 57Page - STMicroelectronics ADE3800_05 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 138 page
background image
Register Description by Block
ADE3800
54/138
● Background color management
For formulae to program the registers refer to Chapter 7: Scaler Equations on page 132.
4.10.1 Frame Synchronization
Due to the limited pixel memory of the chip, the output active video needs to be perfectly
synchronized with the input active video. This mode of operation is called Frame Lock.
Figure 9: Frame Lock Operation
Table 23: Scale Registers (Sheet 1 of 3)
Register Name
Addr
R/W
Bits
Rst
Description
SCL_SRC_HPIX_L
SCL_SRC_HPIX_U
0A00
0A01
R/W
R/W
[7:0]
[3:0]
00
00
input horizontal resolution
SCL_SRC_VPIX_L
SCL_SRC_VPIX_U
0A02
0A03
R/W
R/W
[7:0]
[3:0]
00
00
input vertical resolution
SCL_SCALEFACH_L
SCL_SCALEFACH_M
SCL_SCALEFACH_U
0A04
0A05
0A06
R/W
R/W
R/W
[7:0]
[7:0]
[0]
00
00
00
17-bit horizontal scale factor
SCL_SCALEFACV_L
SCL_SCALEFACV_M
SCL_SCALEFACV_U
0A07
0A08
0A09
R/W
R/W
R/W
[7:0]
[7:0]
[0]
00
00
00
17-bit vertical scale factor
SCL_ORIGHPOS_L
SCL_ORIGHPOS_U
0A0A
0A0B
R/W
R/W
[7:0]
[7:0]
00
00
2’s complement , signed number
27-bit horizontal position of the first output pixel
SCL_ORIGVPOS_L
SCL_ORIGVPOS_U
0A0C
0A0D
R/W
R/W
[7:0]
[7:0]
00
00
2’s complement , signed number
27-bit vertical position of the first output pixel
SCL_PIPE_RATE_L
SCL_PIPE_RATE_U
0A0E
0A0F
R/W
R/W
[7:0]
[3:0]
00
00
Programmable update rate, which controls when a new
pixel column is read out of the line buffer.
For (sclk==dotclk) && (dest_hpix == in_hpix), pipe_rate =
0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com