Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ADE3800_05 Datasheet HTML 64Page - STMicroelectronics ADE3800_05 Datasheet HTML 65Page - STMicroelectronics ADE3800_05 Datasheet HTML 66Page - STMicroelectronics ADE3800_05 Datasheet HTML 67Page - STMicroelectronics ADE3800_05 Datasheet HTML 68Page - STMicroelectronics ADE3800_05 Datasheet HTML 69Page - STMicroelectronics ADE3800_05 Datasheet HTML 70Page - STMicroelectronics ADE3800_05 Datasheet HTML 71Page - STMicroelectronics ADE3800_05 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 138 page
background image
Register Description by Block
ADE3800
68/138
4.12 sRGB (SRGB)
The sRGB block performs two primary functions:
1. Parametric gamma correction on multiple windows or full screen, used for video enhancement
in a window and digital contrast/brightness control. The window coordinates are set by TCON
registers.
2. 3D color cube warping RGB color space.
The entire backend of the ADE3800 (from Scaler output to the APC) has a 10 bit database including
the sRGB block. The sRGB controls correspond to the 8 MSBs of the data.
4.12.1 Parametric Gamma, Digital Contrast / Brightness on Multiple Windows
The function can be applied to the entire window by programming the window control to full screen.
Each color channel acts independently. Simple digital contrast and brightness can be programmed
using this hardware function. The desired window coordinates are programmed into the TCON.
Note:
If both Gamma1 and Gamma2 are enabled, Gamma1 has priority over Gamma2.
4.12.2 Color Space Warp
The 8 corners of the color cube are independently controlled in 3D space with smooth interpolation
of intermediate colors. Registers are 2’s complement color deltas.
For example:
● to make WHITE more like RED, program SRGB_WHITE_R to a small positive value.
● to turn RED into GREEN, set Gain = 2 in SRGB_CTRL0[7:6], then SRGB_RED_R = 0x80
(-128) to block the red, and SRGB_RED_G=0x30 (the higher the value (up to 0x7F) the
brighter the green).
The step value for each color delta depends on the gain setting in SRGB_CTRL0[7:6], as follows:
Figure 11: Color Space Warp
Table 26: Color Space Warp Gain Control
SRGB_CTRL0[7:6]
Gain
Step Size
Color Delta Range
0
1
0.5
[-64;+63]
1
2
1
[-128;+127]
2
4
2
[-256;+255]
Color Space Warp
IN
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com