Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ADE3800_05 Datasheet HTML 14Page - STMicroelectronics ADE3800_05 Datasheet HTML 15Page - STMicroelectronics ADE3800_05 Datasheet HTML 16Page - STMicroelectronics ADE3800_05 Datasheet HTML 17Page - STMicroelectronics ADE3800_05 Datasheet HTML 18Page - STMicroelectronics ADE3800_05 Datasheet HTML 19Page - STMicroelectronics ADE3800_05 Datasheet HTML 20Page - STMicroelectronics ADE3800_05 Datasheet HTML 21Page - STMicroelectronics ADE3800_05 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 138 page
background image
Register Description by Block
ADE3800
18/138
4
Register Description by Block
4.1
Global Control (GLBL)
The Global Control block is responsible for:
● Selecting clock sources
● Power control
● I²C control
● Block by block synchronous reset generation.
The global control block runs in the crystal clock (XCLK) domain, which is required to be active for
programming. In general for all ADE3800 blocks, I²C register access operates in the XCLK domain;
exceptions are the internal RAMS which require the appropriate clock domain to be active (e.g.
dotclk for OSD RAMs), refer to Table 44.
Table 9: Global Control Registers (Sheet 1 of 3)
Register Name
Addr
Mode
Bits
Rst
Description
GLBL_REV_ID
0000
R
[7:0]
0x83
REV_ID: Chip Revision ID
GLBL_CLK_SRC_SEL_0
0001
R/W
[6:4]
00
DOTCLK_SRC_SEL: DOTCLK source select
0: Crystal Clock
1: XCLK pin (test only)
2: FM freq synth half speed (1 ppc) a
3: FM freq synth full speed (2 ppc) 1
4: SCLK frequency synthesizer
5-7: Reserved
[2:0]
INCLK_SRC_SEL: input clock source select
0: Crystal Clock
1: XCLK pin (test only)
2: LLPLL phase controlled SRC (normal)
3: LLPLL fixed phase clock (test only)
4: LLPLL control clock (test only)
5-7: Reserved
GLBL_CLK_SRC_SEL_1
0002
R/W
[6:4]
00
OUTCLK_SRC_SEL: panel output clock source select
0: Crystal Clock
1: XCLK pin (test only)
2: FM freq synth half speed (1 ppc) b
3: FM freq synth full speed (2 ppc) 1
4: SCLK frequency synthesizer
5-7: Reserved
[2:0]
SCLK_SRC_SEL: scaler clock source select
0: crystal clock
1: XCLK pin (test only)
2: FM freq synth half speed
3: FM freq synth full speed
4: Fixed freq synth (normal)
5: LVDS pll output (test only)
6: LVDS pll input (test only)
7: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com