Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ADE3800_05 Datasheet HTML 11Page - STMicroelectronics ADE3800_05 Datasheet HTML 12Page - STMicroelectronics ADE3800_05 Datasheet HTML 13Page - STMicroelectronics ADE3800_05 Datasheet HTML 14Page - STMicroelectronics ADE3800_05 Datasheet HTML 15Page - STMicroelectronics ADE3800_05 Datasheet HTML 16Page - STMicroelectronics ADE3800_05 Datasheet HTML 17Page - STMicroelectronics ADE3800_05 Datasheet HTML 18Page - STMicroelectronics ADE3800_05 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 138 page
background image
15/138
ADE3800
Pin Descriptions
23
32
XCLK
I/O
Crystal clock buffered output. Controlled by XCLK_EN pin
28
37
XCLK_EN
I
Crystal clock output enable.
When connected to 3.3 V, the XCLK output is active
When connected to Ground, the XCLK output is disabled
25
34
RESETN2
I
Reset 2 inputa. Active Low
53
65
RESETN
I
Reset input1. Active Low
54
66
SDA
I/O
I2C Datab. Open drain
56
68
SCL/CSYNC
I
I2C Clockc or Composite Sync Input Signal
26
35
SDA2
I/O
I2C 2 Data2. Open drain
27
36
SCL2/EXT_SOG/
CSYNC
I
I2C 2 Clock3 or Composite Sync Input Signal
24
33
TST_SCAN
I
Reserved for test. Should be connected to Digital Ground
a. RESETN and RESETN2 pins are ORed together internally. The pin which is not used must be connected to
ground.
b. The SDA and SDA2 pins share the same internal bi-directional control. The pin that is not used reverts as
output and must be left floating or connected to a pull-up resistor.
c. This device has two RESET/I2C ports (RESETN/SCL/SDA or RESETN2/EXT_SOG/SDA2) to facilitate PCB
layout. The state of the two RESET pins determines which RESET/I2C port is active. The RESET pin that is
held in the low state disables that RESET/I2C port for normal RESET/I2C operations. However, the disabled
ports SCL input (either SCL or EXT_SOG) can be used as a CSYNC input from an external CSYNC extractor.
If this CSYNC input is not required, then the unused SCL pin should be connected to ground
Table 6: Digital Section Power Supply Pins (Sheet 1 of 2)
LQFP100 LQFP128
Name
Description
5
4
DVDD18
Digital 1.8V Supply
6
5
DVDD18
Digital 1.8V Supply
7
6
DGND
Digital Ground
8
7
DGND
Digital Ground
18
27
DVDD18
Digital 1.8V Supply
19
28
DVDD18
Digital 1.8V Supply
20
29
DGND
Digital Ground
21
30
DGND
Digital Ground
22
31
DVDD33
Digital 3.3V Supply
55
67
DGND
Digital Ground
57
69
DVDD33
Digital 3.3V Supply
66
78
DGND
Digital Ground
67
DGND
Digital Ground
68
79
DVDD18
Digital 1.8V Supply
69
80
DVDD18
Digital 1.8V Supply
Table 5: System Controls (Sheet 2 of 2)
LQFP100 LQFP128
Name
Input/
Output
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com