Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ADE3800_05 Datasheet HTML 25Page - STMicroelectronics ADE3800_05 Datasheet HTML 26Page - STMicroelectronics ADE3800_05 Datasheet HTML 27Page - STMicroelectronics ADE3800_05 Datasheet HTML 28Page - STMicroelectronics ADE3800_05 Datasheet HTML 29Page - STMicroelectronics ADE3800_05 Datasheet HTML 30Page - STMicroelectronics ADE3800_05 Datasheet HTML 31Page - STMicroelectronics ADE3800_05 Datasheet HTML 32Page - STMicroelectronics ADE3800_05 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 138 page
background image
29/138
ADE3800
Register Description by Block
4.4
Analog Dithering (ADTH)
The ADTH block generates a 3-bit dither pattern ADTH_OUT[2:0] to tune the 10-bit resolution of the
ADC block.
Note:
ADTH_OUT[2:0] is not a register but the generated 3-bit dither output of the ADTH block.
4.4.1
Function
The ADTH block consists of a 32x32x3 bit look up table (LUT). It represents one dither matrix, which
can be read using a programmable addressing technique as well as a programmable output
amplitude control. When ADTH_MAT_CTRL[0] is zero or during the clamp pulse ADTH_OUT[2:0] =
3. During vertical blanking ADTH_OUT[2:0] is set to ADTH_TEST_DITHER[2:0] to provide a
feedback mechanism for calibration.
4.4.2
Addressing Technique
The ADTH block offers a programmable addressing technique to generate various temporal dither
patterns. ADTH_FRAME_CTRL [7:4] is a 4-bit increment value, which defines the horizontal/vertical
displacement of the dither matrix from frame to frame (precisely at rising edge of CLAMP_IN and at
falling edge of VENAB).
After (ADTH_FRAME_CTRL [3:0] + 1) number of frames the horizontal/vertical displacement position
will be reset to zero/zero, only when ADTH_FRAME_CTRL [3:0]> 0.
Note:
To set the frame accumulator to zero, program ADTH_FRAME_CTRL [7:4] to zero and program
ADTH_FRAME_CTRL [3:0]
to 1. ADTH_FRAME_CTRL [7:4] can be independently activated in the
horizontal and vertical dimensions using ADTH_MAT_CTRL [2] and ADTH_MAT_CTRL [3],
respectively.
4.4.3
Output Amplitude Control
The 3-bit LUT output value can be scaled to a reduced dither amplitude using ADTH_MAT_CTRL
[5:4]. After adding the ADTH_MAT_CTRL [7:6] to the (reduced) dither amplitude the final 3-bit
amplitude is output as ADTH_OUT[2:0].
4.4.4
Miscellaneous
During the ADC clamp pulse, the output of the ADTH block is muted; that is the output value is set
to 3 (ADTH_OUT[2:0] = 3). In addition, ADTH_CLAMP_CTRL[7:4] delays the clamp pulse by 0 to
15 clock cycles while muting, and ADTH_CLAMP_CTRL[3:0] adds 0 to 15 clock cycles of muting
after the falling edge of the clamp pulse.
For AFE dither calibration, ADTH_OUT[2:0] can be programmed via ADTH_TEST_DITHER to a
static value during vertical blanking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com