Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 93 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ADE3800_05 Datasheet HTML 89Page - STMicroelectronics ADE3800_05 Datasheet HTML 90Page - STMicroelectronics ADE3800_05 Datasheet HTML 91Page - STMicroelectronics ADE3800_05 Datasheet HTML 92Page - STMicroelectronics ADE3800_05 Datasheet HTML 93Page - STMicroelectronics ADE3800_05 Datasheet HTML 94Page - STMicroelectronics ADE3800_05 Datasheet HTML 95Page - STMicroelectronics ADE3800_05 Datasheet HTML 96Page - STMicroelectronics ADE3800_05 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 138 page
background image
93/138
ADE3800
Register Description by Block
APC_CTRL0[4] enables symmetric clipping of white levels respectively black levels for 6-bit panels
as well as 8-bit panels.
RGB offset APC_CTRL0[3] enables a different dither amplitude offset for each color component.
When the frame inversion APC_CTRL0[2] is set to 1, the dither amplitude is inverted every other
frame.
A Matlab file is provided to generate a variety of different threshold matrices.
Table 32: APC Registers
Register Name
Addr
Mode
Bits
Rst
Description
APC_CTRL0
0C20
R/W
[7]
00
Horizontal displacement increment of (Frame Offset) per
color component
0*: disabled
1: enabled
[6]
Vertical start position of dither matrix changes by Frame
Offset
0*: disabled
1: enabled
[5]
Horizontal start position of dither matrix changes by Frame
Offset
0*: disabled
1: enabled
[4]
Symmetric clipping for white level and black level
0*: disabled
1: enabled (normal)
[3]
Dither amplitude offset per color component
0*: disabled
1: enabled
[2]
Invert dither amplitude every other frame
0*: disabled
1: enabled
[1]
Panel Depth
0*: for true 8 bit panels
1: for 6 bit panels/8bit panels with internal dithering
[0]
Dither amplitude
0*: amplitude set to 0
1: enabled (normal)
APC_CTRL1
0C21
R/W
[7:4]
00
Frame Offset
This value offsets the start position of the dither matrix from
frame to frame
[3:0]
Frame Length
The dither matrix start position is reset after (Frame Length
+1) number of frames, only if > 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com