Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 88 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ADE3800_05 Datasheet HTML 84Page - STMicroelectronics ADE3800_05 Datasheet HTML 85Page - STMicroelectronics ADE3800_05 Datasheet HTML 86Page - STMicroelectronics ADE3800_05 Datasheet HTML 87Page - STMicroelectronics ADE3800_05 Datasheet HTML 88Page - STMicroelectronics ADE3800_05 Datasheet HTML 89Page - STMicroelectronics ADE3800_05 Datasheet HTML 90Page - STMicroelectronics ADE3800_05 Datasheet HTML 91Page - STMicroelectronics ADE3800_05 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 138 page
background image
Register Description by Block
ADE3800
88/138
4.15 Flicker (FLK)
The Flicker block computes a nonlinear correlation of LCD polarity inversion patterns and the LCD
output data stream and provides the correlation results as scores to the microcontroller via I2C.
The MCU polls this block regularly. In response to a high score, the MCU can adjust the polarity
signal generated in the TCON to cancel the visual flicker that arises from correlated pixel and
polarity patterns.
Figure 16 shows a block diagram of the flicker module and its connectivity with the neighboring
modules.
4.15.1 Function
A Walsh 8x8 function is used to compare the detected pattern, where each one of the 8 functions
represents a pattern. All patterns are considered to be vertically, where horizontally the pixels are
assumed to be alternating its RGB components.
Only 4 of the patterns can be measured at one time, and they are selected by means of
WF_SHIFT[2:0] by programming the number of patterns shifted i.e.
● if WF_SHIFT = 00 then the 4 results are meas0, meas1, meas2, meas3;
● if WF_SHIFT = 01 then the 4 results are meas1, meas2, meas3, meas4;
● if WF_SHIFT = 05 then the 4 results are meas5, meas6, meas7, meas0; and so on.
The score that is registered at the end of a measurement is the delta intensity between the RGB
components on pixels that are alternating horizontally and match one or more of the defined 8
patterns. Since the flickering effect occurs most of the time around the 50% of the color intensity,
two functions are used to get the delta difference between the RGB components, one is normalized
at 50%, and the other is normalized at 100%. The selection between the two can be programmed by
the FLICKER_CTRL0[5] => 0/1 (100/50%) normalization.
The horizontal setting of the RGB component of each pixel is represented by the
FLICKER_CTRL0[2:0], and for any pattern, maximum scores are calculated by having the correct
Figure 16: Block Diagram
10 bit
APC
TCON
Flicker
Detector
TFT Panel
OSD
Gamma
Output
Formatter EMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com