Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 56 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ADE3800_05 Datasheet HTML 52Page - STMicroelectronics ADE3800_05 Datasheet HTML 53Page - STMicroelectronics ADE3800_05 Datasheet HTML 54Page - STMicroelectronics ADE3800_05 Datasheet HTML 55Page - STMicroelectronics ADE3800_05 Datasheet HTML 56Page - STMicroelectronics ADE3800_05 Datasheet HTML 57Page - STMicroelectronics ADE3800_05 Datasheet HTML 58Page - STMicroelectronics ADE3800_05 Datasheet HTML 59Page - STMicroelectronics ADE3800_05 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 138 page
background image
Register Description by Block
ADE3800
56/138
For proper scale operation, the SCLK frequency must be programmed so that:
SCL_PTR_POST_L
SCL_PTR_POST_U
0A26
0A27
R
R
[7:0]
[3:0]
00
00
The minimum difference of the write pointer and the last
of three read pointers; updated every frame
LSB = 4 pixels
SCL_CONTROL
0A28
R/W
[4]
00
allow trigger delay count to be retriggered by SMUX vtrig
(normal = 0)
R/W
[3]
use two tap vertical filter
0*: in hpixel <= 1024
1: in_hpixel > 1024
ptr_pre is invalid in this case
R/W
[2]
allow output sequencer to be retriggered before
vtotal_min (normal = 0)
R/W
[1]
completes the current frame then stops the sequencer.
Poll the vcount register to determine when frame has
stopped.
R/W
[0]
enable scaler timing engine (output sequencer)
SCL_VCOUNT
0A29
R
[7:0]
output sequencer vertical counter >> 4
SCL_HTOTAL_L
SCL_HTOTAL_U
0A2A
0A2B
R/W
R/W
[7:0]
[3:0]
00
00
desired output htotal - 1
out_htotal should be even
note: out_henab should be a multiple of 4 for RSDS dual
SCL_VTOTAL_MIN_L
SCL_VTOTAL_MIN_U
0A2C
0A2D
R/W
R/W
[7:0]
[3:0]
00
00
minimum vcount before a new frame can be started
SCL_VTOTAL_MAX_L
SCL_VTOTAL_MAX_U
0A2E
0A2F
R/W
R/W
[7:0]
[3:0]
00
00
vcount at which the output sequencer will self trigger to
maintain a minimum frame rate to the panel
SCL_TRIGGER_DLY_L
SCL_TRIGGER_DLY_M
SCL_TRIGGER_DLY_U
0A30
0A31
0A32
R/W
R/W
R/W
[7:0]
[7:0]
[3:0]
00
00
00
time in xclks from SMUX vtrig to when vcount/hcount of
the output sequencer are reset to 0,0.
SCL_LINE_START_L
SCL_LINE_START_U
0A33
0A34
R/W
R/W
[7:0]
[3:0]
pipe start value
= 4.5 -origin_hpos*4096/scale_factor_h -(21.5+5*4096/
pipe_rate)*sclk_period/dotclk_period
If pipe_rate = 0, use 4096.
SCL_CONTEXT_0
0A35
R/W
[6:1]
00
context sharp offset
R/W
[0]
enable context function (normal)
SCL_CONTEXT_1
0A36
R/W
[7:6]
00
context smooth slope (recommended = 1, 2, 3)
R/W
[5:4]
context sharp slope
R/W
[3:0]
context sharp clip
Table 23: Scale Registers (Sheet 3 of 3)
Register Name
Addr
R/W
Bits
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com