Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ADE3800_05 Datasheet HTML 18Page - STMicroelectronics ADE3800_05 Datasheet HTML 19Page - STMicroelectronics ADE3800_05 Datasheet HTML 20Page - STMicroelectronics ADE3800_05 Datasheet HTML 21Page - STMicroelectronics ADE3800_05 Datasheet HTML 22Page - STMicroelectronics ADE3800_05 Datasheet HTML 23Page - STMicroelectronics ADE3800_05 Datasheet HTML 24Page - STMicroelectronics ADE3800_05 Datasheet HTML 25Page - STMicroelectronics ADE3800_05 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 138 page
background image
Register Description by Block
ADE3800
22/138
8-bit control covers amplitudes from 0.35V (00) to 1.05V (FF) in steps of 2.74mV.
OFFSET CONTROL
Red, Green, and Blue channels have independent control registers: ANA_ADC_RED_1,
ANA_ADC_GRN_1, and ANA_ADC_BLU_1, respectively.
6-bit control covers a range of ±92.8mV in steps of 2.9mV.
4.3.1
216MHz Frequency Synthesizer
The FS216 (controlled by the ANA_FS216_CTRL register) is the system PLL that drives the SCLK
and DCLK frequency synthesizers (refer to Section 4.2: Frequency Synthesizer (FSYN)) and the
LLK, by generating two different reference clock frequencies, 216=27x8 MHz (FSYN) and 54=27x2
MHz (LLK), based on XCLK.
For normal operation with a 27 MHz crystal, this register should be programmed to 0A.
The control register also allows for different crystal frequencies, power down, and optional use of an
external PLL.
4.3.2
Sync-on-Green (SOG)
It is necessary to tune the analog SOG circuit in order to secure a valid HSync that can be used by
the Line Lock PLL; the LLK may then be programmed to generate an in-clock. The ADC clamp
relies on in-clock and may only be enabled once this step is complete. Clamp pulse is used to set
the ADC black level reference voltage. In normal operation, the SOG signal is clamped by the ADC
clamp, and this clamp is not available during the initial tuning. For the initial tuning phase, instead of
the ADC clamp, the SOG clamp (pull down current) is used to clamp the input SOG signal. Once the
tuning has been accomplished, and there is a valid reference HSync and in-clock, the SOG clamp
may be disabled and the ADC clamp may be enabled.
There are therefore 2 states of sync-on-green operation: the initial state, which employs the SOG
clamp, and the normal (or locked) state, which employs the ADC clamp.
4.3.2.1 Initial SOG Clamp State
At power up, set:
● ANA_ADC_SOG_1[0] = 0 (power down bit; apply power to SOG),
● ANA_ADC_SOG_1[3] = 1 (enable SOG clamp pull down current),
● ANA_ADC_GRN_2[1] = 1 (ADC clamp off; must be the same as ANA_ADC_SOG_1[3]),
and adjust ANA_ADC_SOG_0[4:0] & ANA_ADC_SOG_1[7:4] until one of the three comparators
detects a SOG signal. Select a SOG signal to be the reference HSync to which the Line Lock PLL
will lock.
The normal value of the pull down current is 1.1uA and can be adjusted with
ANA_ADC_SOG_1[2:1]. Either ANA_ADC_SOG_1[0] = 1 or ANA_ADC_SOG_1[3] = 0 will turn off
the pull down current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com