Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 105 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ADE3800_05 Datasheet HTML 101Page - STMicroelectronics ADE3800_05 Datasheet HTML 102Page - STMicroelectronics ADE3800_05 Datasheet HTML 103Page - STMicroelectronics ADE3800_05 Datasheet HTML 104Page - STMicroelectronics ADE3800_05 Datasheet HTML 105Page - STMicroelectronics ADE3800_05 Datasheet HTML 106Page - STMicroelectronics ADE3800_05 Datasheet HTML 107Page - STMicroelectronics ADE3800_05 Datasheet HTML 108Page - STMicroelectronics ADE3800_05 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 138 page
background image
105/138
ADE3800
Register Description by Block
(*): Block having a window control feature
Table 37: Polarity programming examples.
polarity type
vmask pulse length
vlen
pol toggle every line, invert frame to frame, steady during vblank (2
frame sequence)
odd, usually vpixel+1 or vpixel-1
0
polarity toggle every other line, invert frame to frame, steady during
vblank (2 frame sequence)
odd*2, usually vpixel+2 or vpixel -2
1
polarity toggle every 3rd line, invert frame to frame, steady during
vblank (2 frame sequence)
odd*3
2
polarity toggle every other line, walking pattern (4 frame sequence)
odd, usually vpixel+1 or vpixel-1
1
Table 38: Video Pipeline Latency information
Block
Output pixel video pipeline latency
(in per block dotclk units)
PGEN (*)
+3 (+16 vs TCON window H values)
SRGB (*)
+6 (+13 vs TCON window H values)
GAMMA
+3
OSD (*)
+3 (+4 vs TCON window H values)
APC
+1
TCON
Zero Reference
LVDS (pixel delay up to LVDS Tx)
1ppc: 5 pixels, 2ppc 6 pixels
RSDS (delay up to the RSDS pads)
1ppc: 5 pixels,
2ppc w/ split line buffer=640:
640+12 pixels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com