Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMD250STP Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPMD250STP
Description  2.5 A bipolar stepper motor drive module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD250STP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPMD250STP Datasheet HTML 5Page - STMicroelectronics SPMD250STP Datasheet HTML 6Page - STMicroelectronics SPMD250STP Datasheet HTML 7Page - STMicroelectronics SPMD250STP Datasheet HTML 8Page - STMicroelectronics SPMD250STP Datasheet HTML 9Page - STMicroelectronics SPMD250STP Datasheet HTML 10Page - STMicroelectronics SPMD250STP Datasheet HTML 11Page - STMicroelectronics SPMD250STP Datasheet HTML 12Page - STMicroelectronics SPMD250STP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
SPMD250STP
Pin connection
9/29
Table 3.
Pin description
Name
Function
1
GND1
Return path for the logic signals and 5 V supply.
2
Sync
Chopper oscillator output. Several modules can be synchronized by
connecting together all Sync pins. This pin can be used as the input for an
external clock source.
3
Reset
Asynchronous reset input. An active low pulse on this input preset the internal
logic to the initial state (ABCD = 0101).
4
Half/Full
Half/Full step selection input. When high or unconnected the half step
operation is selected.
5
Home
When high, this output indicates that the internal counter is in its initial state
(ABCD = 0101). This signal may be used in conjunction with a mechanical
switch to ground or with open collector output of an optical detector to be used
as a system home detector.
6
Stepcl
The motor is moved one step on the rising edge of this signal.
7
CW/CCW
Direction control input. When high or unconnected clockwise rotation is
selected. Physical direction of motor rotation depends also on windings
connection.
8
Oscillator
The chopper oscillator timing, internally fixed at 17 kHz, can be modified by
connecting a resistor between this pin and Vss or a capacitor between this pin
and Gnd1. The oscillator input must be grounded when the unit is externally
synchronized.
9
Ioset
Phase current setting input. A resistor connected between this pin and Gnd1 or
Vss, allows the factory setted phase current value ( 2 A for SPMD250STP) to
be changed.
10
Control
Logic input that allows the phase current decay mode selection. When high or
unconnected the slow decay is selected.
11
Enable
Module enable input. When low this input floats the outputs enabling the
manual positioning of the motor. Must be LOW during power-up and down
sequence, HIGH during normal operation.
12
Vss
5V supply input. Maximum voltage must not exceed 7 V.
13
GND2
Return path for the power section.
14
D
D output.
15
C
C output.
16
B
B output.
17
A
A output.
18
Vs
Module and motor supply voltage. Maximum voltage must not exceed the
specified values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com