Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMD250STP Datasheet(PDF) 25 Page - STMicroelectronics

Part # SPMD250STP
Description  2.5 A bipolar stepper motor drive module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD250STP Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SPMD250STP Datasheet HTML 21Page - STMicroelectronics SPMD250STP Datasheet HTML 22Page - STMicroelectronics SPMD250STP Datasheet HTML 23Page - STMicroelectronics SPMD250STP Datasheet HTML 24Page - STMicroelectronics SPMD250STP Datasheet HTML 25Page - STMicroelectronics SPMD250STP Datasheet HTML 26Page - STMicroelectronics SPMD250STP Datasheet HTML 27Page - STMicroelectronics SPMD250STP Datasheet HTML 28Page - STMicroelectronics SPMD250STP Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
SPMD250STP
Thermal operating conditions
25/29
Equation 6
The following table gives the thermal resistance of some commercially available heath-sinks
that fit on the SPMD250STP module.
Table 5.
Thermal resistance
Manufacturer
Part number
Rth (°C/W)
Mounting
Thermalloy
6177
3
Horizontal
Thermalloy
6152
4
Vertical
Thermalloy
6111
10
Vertical
Fischer
SK18
3
Vertical
Assman
V5440
4
Vertical
Assman
V5382
4
Horizontal
Rth
hs
R
th
R
th
tot
⋅
R
th
R
th
tot
–
----------------------------
53.9
⋅
53.9
–
-----------------
17.7
°C
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com