Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMD250STP Datasheet(PDF) 19 Page - STMicroelectronics

Part # SPMD250STP
Description  2.5 A bipolar stepper motor drive module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD250STP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SPMD250STP Datasheet HTML 15Page - STMicroelectronics SPMD250STP Datasheet HTML 16Page - STMicroelectronics SPMD250STP Datasheet HTML 17Page - STMicroelectronics SPMD250STP Datasheet HTML 18Page - STMicroelectronics SPMD250STP Datasheet HTML 19Page - STMicroelectronics SPMD250STP Datasheet HTML 20Page - STMicroelectronics SPMD250STP Datasheet HTML 21Page - STMicroelectronics SPMD250STP Datasheet HTML 22Page - STMicroelectronics SPMD250STP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
SPMD250STP
User notes
19/29
Figure 14.
Phase current programming
9.9
Chopper frequency programming
The chopper frequency is internally set to 17 kHz, and it can be changed by addition of
external components as follows. To increase the chopper frequency a resistor must be
connected between Oscillator (pin 8) and Vss (pin 12, see Figure 15). The resistor value is
calculated according to the formula:
Equation 3
To decrease the chopper frequency a capacitor must be connected between Oscillator (pin
8) and Gnd1 (pin 1). The capacitor value is calculated according to the formula:
Equation 4
12
9
1
12
9
1
SPMD250STP
SPMD250STP
Rf
306
fc 17
–
---------------
k
Ω
=
=
where
fc
kHz
=
Rf
18k
Ω
≥
Cf
80.5
4.7fc
–
fc
-------------------------------
nF
=
=
where
fc
kHz
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com