Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMD250STP Datasheet(PDF) 23 Page - STMicroelectronics

Part # SPMD250STP
Description  2.5 A bipolar stepper motor drive module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD250STP Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SPMD250STP Datasheet HTML 19Page - STMicroelectronics SPMD250STP Datasheet HTML 20Page - STMicroelectronics SPMD250STP Datasheet HTML 21Page - STMicroelectronics SPMD250STP Datasheet HTML 22Page - STMicroelectronics SPMD250STP Datasheet HTML 23Page - STMicroelectronics SPMD250STP Datasheet HTML 24Page - STMicroelectronics SPMD250STP Datasheet HTML 25Page - STMicroelectronics SPMD250STP Datasheet HTML 26Page - STMicroelectronics SPMD250STP Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
SPMD250STP
Thermal operating conditions
23/29
11
Thermal operating conditions
In many cases the modules do not require any additional cooling because the dimensions
and the shape of the metal box are studied to offer the minimum possible thermal resistance
case-to-ambient for a given volume.
It should be remembered that these modules are a power device and, depending on
ambient temperature, an additional heath-sink or forced ventilation or both may be required
to keep the unit within safe temperature range. (Tcasemax < 85 °C during operation).
The concept of maximum operating ambient temperature is totally meaningless when
dealing with power components because the maximum operating ambient temperature
depends on how a power device is used.
What can be unambiguously defined is the case temperature of the module.
To calculate the maximum case temperature of the module in a particular applicative
environment the designer must know the following data:
●
Input voltage
●
Motor phase current
●
Motor phase resistance
●
Maximum ambient temperature
From these data it is easy to determine whether an additional heath-sink is required or not,
and the relevant size i.e. the thermal resistance.
The step by step calculation is shown for the following example.
Vin = 40 V, Iphase = 1 A, Rph Phase resistance = 10
Ω, max. T
A = 50 °C
●
Calculate the power dissipated from the indexer logic and the level shifter (see
electrical characteristics):
Plogic = (5 V x 60 mA) + (40 V x 20 mA) = 1.1 W
●
Calculate the average voltage across the winding resistance:
Vout = (Rph x Iout) = 10
Ω
ζ 1A = 10 V
●
Calculate the required ON duty cycle (D.C.) of the output stage to obtain the average
voltage (this D.C. is automatically adjusted by the SPMD250STP):
●
Calculate the power dissipation of the SPMD250STP output power stage. The power
dissipation depends on two main factors:
–
the selected operating mode (FAST or SLOW DECAY)
–
the selected drive sequence (WAVE, NORMAL, HALF STEP)
FAST DECAY. For this mode of operation, the internal voltage drop is Vsatsource + Vsatsink
during the ON period i.e. for 25 % of the time.
During the recirculation period (75 % of the time), the current recirculates on two internal
diodes that have a voltage drop Vd = 1 V, and the internal sense resistor (0.5
Ω). For this
example, by assuming maximum values for conservative calculations, the power dissipation
during one cycle is:
Ppw = 1.1 x [2 Vsat x Iph x D.C. + 2 Vd x Iph x (1 - D.C.) + 0.5 x Iph]
DC
V
OUT
V
IN
--------------
10
40
------
0.25
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com