Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMD250STP Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPMD250STP
Description  2.5 A bipolar stepper motor drive module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD250STP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPMD250STP Datasheet HTML 9Page - STMicroelectronics SPMD250STP Datasheet HTML 10Page - STMicroelectronics SPMD250STP Datasheet HTML 11Page - STMicroelectronics SPMD250STP Datasheet HTML 12Page - STMicroelectronics SPMD250STP Datasheet HTML 13Page - STMicroelectronics SPMD250STP Datasheet HTML 14Page - STMicroelectronics SPMD250STP Datasheet HTML 15Page - STMicroelectronics SPMD250STP Datasheet HTML 16Page - STMicroelectronics SPMD250STP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
SPMD250STP
Phase sequence generation inside the device
13/29
6
Phase sequence generation inside the device
The modules contains a three bit counter plus some combinational logic which generate
suitable phase sequences for half step, wave and normal full step drive. This 3 bit counter
generates a basic eight-step Gray code master sequence as shown
in fig. 9. To select this sequence, that corresponds to half step mode, the HALF/FULL input
(pin 4) must be kept high or unconnected.
The full step mode (normal and wave drive) are both obtained from the eight step master
sequence by skipping alternate states. This is achieved by forcing the step clock to bypass
the first stage of the 3 bit counter. The least significant bit of this counter is not affected and
therefore the generated sequence depends on the state of the counter when full step mode
is selected by forcing pin 4 (HALF/FULL) low. If full step is selected when the counter is at
any odd-numbered state, the twophase-on (normal mode) is implemented (see Figure 10).
On the contrary, if the full mode is selected when the counter is at an even-numbered state,
the one-phase-on (wave drive) is implemented (see Figure 11).
Figure 9.
The eight step master sequence corresponding to half step mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com