Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMD250STP Datasheet(PDF) 15 Page - STMicroelectronics

Part # SPMD250STP
Description  2.5 A bipolar stepper motor drive module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD250STP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SPMD250STP Datasheet HTML 11Page - STMicroelectronics SPMD250STP Datasheet HTML 12Page - STMicroelectronics SPMD250STP Datasheet HTML 13Page - STMicroelectronics SPMD250STP Datasheet HTML 14Page - STMicroelectronics SPMD250STP Datasheet HTML 15Page - STMicroelectronics SPMD250STP Datasheet HTML 16Page - STMicroelectronics SPMD250STP Datasheet HTML 17Page - STMicroelectronics SPMD250STP Datasheet HTML 18Page - STMicroelectronics SPMD250STP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
SPMD250STP
RESET, ENABLE and HOME signals
15/29
7
RESET, ENABLE and HOME signals
The RESET is an asynchronous reset input which restores the module to the home position
(state 1 : ABCD = 0101). Reset is active when low.
The HOME output signals this condition and it is intended to be ANDed with the output of a
mechanical home position sensor.
The ENABLE input is used to start up the module after the system initialization. ENABLE is
active when high or unconnected.
8
Motor current regulation
The two bipolar winding currents are controlled by two internal choppers in a PWM mode to
obtain good speed and torque characteristics.
An internal oscillator supplies pulses at the chopper frequency to both choppers.
When the outputs are enabled, the current through the windings raises until a peak value set
by Ioset and Rsense (see the equivalent block diagram) is reached. At this moment the
outputs are disabled and the current decays until the next oscillator pulse arrives.
The decay time of the current can be selected by the CONTROL input (pin 10). If the
CONTROL input is kept high or open the decay is slow, as shown in Figure 12, where the
equivalent power stage and the voltages on A and B are shown as well as the current
waveform on winding AB.
When the CONTROL input is forced low, the decay is fast as shown in fig. 13.
The CONTROL input is provided on SPMD250STP to allow maximum flexibility in application.
If the modules must drive a large motor that does not store much energy in the windings, the
chopper frequency must be decreased: this is easily obtained by connecting an external
capacitor between OSC pin and GND1.
In these conditions a fast decay (CONTROL LOW) would impose a low average current and
the torque could be inadequate. By selecting CONTROL HIGH, the average current is
increased thanks to the slow decay.
When the m odule is used in the fast-decay mode it is recommended to connect external
fast recovery, low drop diodes between each phase output and the supply return (GND).
The slow-decay should be the preferred operating recirculation mode because of the lower
power dissipation and low noise operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com