Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMD250STP Datasheet(PDF) 17 Page - STMicroelectronics

Part # SPMD250STP
Description  2.5 A bipolar stepper motor drive module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD250STP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SPMD250STP Datasheet HTML 13Page - STMicroelectronics SPMD250STP Datasheet HTML 14Page - STMicroelectronics SPMD250STP Datasheet HTML 15Page - STMicroelectronics SPMD250STP Datasheet HTML 16Page - STMicroelectronics SPMD250STP Datasheet HTML 17Page - STMicroelectronics SPMD250STP Datasheet HTML 18Page - STMicroelectronics SPMD250STP Datasheet HTML 19Page - STMicroelectronics SPMD250STP Datasheet HTML 20Page - STMicroelectronics SPMD250STP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
SPMD250STP
User notes
17/29
9
User notes
9.1
Supply voltage
The recommended operating maximum supply voltage must include the ripple voltage for
the Vs rail, and a 5 V ± 5 % for the Vss line is required.
The two supply voltages must to be correctly sequenced to avoid any possible erroneous
positioning of the power stages. The correct power-up and power-down sequences are:
Power-up
1.Vss (5 V) is applied with Enable = Low
2. Vs (the motor supply voltage) is applied
3. Enable is brougth High
Power-down
1.Enable is brougth Low
2. Vs is switched off
3. Vss is switched off.
9.2
Case grounding
The module case is internally connected to pin 1 and 13. To obtain additional effective EMI
shield, the PCB area below the module can be used as an effective sixth side shield.
9.3
Thermal characteristics
The case-to-ambient thermal resistance is 5 °C/W. This produces a 50 °C temperature
increase of the module surface for 10 W of internal dissipation.
According to ambient temperature and/or to power dissipation, an additional heatsink or
forced ventilation may be required. (See derating curves Figure 16).
9.4
Supply line impedance
The module has an internal capacitor connected accross the supply pins (18 and 13) to
assure the circuit stability. This capacitor cannot handle high values of current ripple, and
would be permanently damaged if the primary energy source impedance is not adequate.
The use of a low ESR, high ripple current 470 µF capacitor located as close to the module
as possible is recommended.
When space is a limitation, a 22 µF ceramic multilayer capacitor connected across the
module input pins must be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com