Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMD250STP Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPMD250STP
Description  2.5 A bipolar stepper motor drive module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD250STP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPMD250STP Datasheet HTML 14Page - STMicroelectronics SPMD250STP Datasheet HTML 15Page - STMicroelectronics SPMD250STP Datasheet HTML 16Page - STMicroelectronics SPMD250STP Datasheet HTML 17Page - STMicroelectronics SPMD250STP Datasheet HTML 18Page - STMicroelectronics SPMD250STP Datasheet HTML 19Page - STMicroelectronics SPMD250STP Datasheet HTML 20Page - STMicroelectronics SPMD250STP Datasheet HTML 21Page - STMicroelectronics SPMD250STP Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
User notes
SPMD250STP
18/29
9.5
Module protections
The SPMD250STP outputs are protected against short circuits to Gnd, Vs and to another
output. When the current exceeds the maximum value, the output is automatically disabled.
The module protection is of the latching type, i.e. when an overload condition is detected the
unit outputs are disabled. To restart the operations it is necessary to disable the unit
(pin 11 = Low) or to switch off the supply voltage for at least 100 ms.
9.6
Motor connection
The motor is normally quite far from the module and long cables are needed for connection.
The use of a twisted pair cable with appropriate cross section for each motor phase is
recommended to minimize DC losses and RFI problems.
9.7
Unused inputs
All the SPMD250STP logic inputs have an internal pull-up, and they are high when
unconnected.
9.8
Phase current programming
The output current is factory set to a standard 2 A value.
The phase current value can be changed by connecting an appropriate resistor between pin
9 and ground or Vss (see Figure 14). In the first case the phase current will decrease, in the
latter it will increase.
The maximum phase current must be limited to 2.5 A, to avoid permanent damage to the
module.
SPMD250STP phase current programming:
Equation 1
Equation 2
I2A
>
Ri
10
0.33 I
⋅
–
0.473 I
1
–
⋅
------------------------------
k
Ω
=
=
Ri
50k
Ω
≥
I2A
<
Rd
I
3.03
1.43
–
I
⋅
-----------------------------------
k
Ω
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com