Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMD250STP Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPMD250STP
Description  2.5 A bipolar stepper motor drive module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD250STP Datasheet(HTML) 1 Page - STMicroelectronics

  SPMD250STP Datasheet HTML 1Page - STMicroelectronics SPMD250STP Datasheet HTML 2Page - STMicroelectronics SPMD250STP Datasheet HTML 3Page - STMicroelectronics SPMD250STP Datasheet HTML 4Page - STMicroelectronics SPMD250STP Datasheet HTML 5Page - STMicroelectronics SPMD250STP Datasheet HTML 6Page - STMicroelectronics SPMD250STP Datasheet HTML 7Page - STMicroelectronics SPMD250STP Datasheet HTML 8Page - STMicroelectronics SPMD250STP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
January 2008
Rev 1
1/29
29
SPMD250STP
2.5 A bipolar stepper motor drive module
Features
Wide supply voltage range
Full/Half step drive capability
Logic signals TTL/CMOS compatible
Programmable motor phase current and
chopper frequency
Selectable Slow/Fast current decay
Synchronization for multimotor applications
Remote shut-down
Home position indication
Description
The SPMD250STP is a drive module that directly
interface a microprocessor to a two phase,
bipolar, permanent magnet stepper motors.
The phase current is chopper controlled, and the
internal phase sequence generation reduces the
burden of the controller and it simplifies software
development. The SPMD250STP has PowerMOS
outputs to significantly reduce both commutation
and conduction losses. A further benefit offered
by the SPMD250STP is the complete protection
of the outputs against any type of shorts.
Table 1.
Device summary
Order code
SPMD250STP
www.st.com


Similar Part No. - SPMD250STP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPMD150STP STMICROELECTRONICS-SPMD150STP Datasheet
650Kb / 23P
1.5 A stepper motor driver module
22-Feb-2010
logo
Apex Electronics Co., L...
SPMD9 APEX-ELECTRONICS-SPMD9 Datasheet
902Kb / 7P
Miniature pushbutton switches, optional LED
SPMD9P1B10M2RE APEX-ELECTRONICS-SPMD9P1B10M2RE Datasheet
902Kb / 7P
Miniature pushbutton switches, optional LED
SPMD9P1B10M6RE APEX-ELECTRONICS-SPMD9P1B10M6RE Datasheet
902Kb / 7P
Miniature pushbutton switches, optional LED
More results

Similar Description - SPMD250STP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA1027 PHILIPS-SAA1027 Datasheet
214Kb / 9P
STEPPER MOTOR DRIVE CIRCUIT
December 1974
logo
STMicroelectronics
GS-D200 STMICROELECTRONICS-GS-D200 Datasheet
183Kb / 17P
2/2.5A BIPOLAR STEPPER MOTOR DRIVE MODULES
Jun-1994
logo
Texas Instruments
UC3717A TI-UC3717A Datasheet
454Kb / 9P
Stepper Motor Drive Circuit
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
STEPPER MOTOR DRIVE CIRCUIT
MSE570 ETC2-MSE570_1 Datasheet
109Kb / 5P
Bipolar Stepper Motor Drive Board
logo
Texas Instruments
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
Stepper Motor Drive Circuit
logo
STMicroelectronics
AN1495 STMICROELECTRONICS-AN1495 Datasheet
714Kb / 25P
Microstepping stepper motor drive
26-Sep-2012
logo
Texas Instruments
UC1517 TI1-UC1517_12 Datasheet
540Kb / 12P
Stepper Motor Drive Circuit
logo
STMicroelectronics
STEVAL-SPMD150V2 STMICROELECTRONICS-STEVAL-SPMD150V2 Datasheet
98Kb / 4P
1.5 A bipolar stepper motor drive module (SPMD150STP) demonstration board
November 2010 Rev 1
STEVAL-SPMD250V2 STMICROELECTRONICS-STEVAL-SPMD250V2 Datasheet
96Kb / 4P
1.5 A bipolar stepper motor drive module (SPMD150STP) demonstration board
November 2010 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com