Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single-chip LCD controller/driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 6Page - STMicroelectronics STE2007 Datasheet HTML 7Page - STMicroelectronics STE2007 Datasheet HTML 8Page - STMicroelectronics STE2007 Datasheet HTML 9Page - STMicroelectronics STE2007 Datasheet HTML 10Page - STMicroelectronics STE2007 Datasheet HTML 11Page - STMicroelectronics STE2007 Datasheet HTML 12Page - STMicroelectronics STE2007 Datasheet HTML 13Page - STMicroelectronics STE2007 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
Electrical characteristics
STE2007
10/62
3
Electrical characteristics
3.1
Absolute maximum ratings
Note:
(*) ESD tests have been performed with VSS, VSS_LCD and VSS_CP shorted together
Table 7.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDDI
Supply Voltage Range
- 0.5 to + 5
V
VDD
Supply Voltage Range
- 0.5 to + 5
V
VLCD
LCD Supply Voltage Range
- 0.5 to + 14.0
V
ISS
Supply Current
- 50 to +50
mA
Vi
Digital Inputs Voltage
-0.5 to VDDI + 0.5
V
Iin
DC Input Current
- 10 to + 10
mA
Iout
DC Output Current
- 10 to + 10
mA
Ptot
Total Power Dissipation (Tj = 85°C)
300
mW
Po
Power Dissipation per Output
30
mW
Tj
Operating Junction Temperature(1)
1.
Device behavior and characterization are measured over this temperature range during internal
qualification of the product. During production testing, however, device performance is measured at a fixed
ambient temperature, typically 25°C.
-25 to + 85
°C
Tstg
Storage Temperature
- 65 to 150
°C
VDD pin vs
VDDI (*)
ESD maximum Withstanding Voltage range Test
Condition : CDF-AEC-Q100-002-"Human body Model"
Acceptance criteria: "Normal performance
±1500
V
All Pins(2) vs
VDDI
2.
Except VDD pin
±1750
V
All Pins vs
Power
supplies(3)
3.
Except VDDI supply
±2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com