Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single-chip LCD controller/driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 45Page - STMicroelectronics STE2007 Datasheet HTML 46Page - STMicroelectronics STE2007 Datasheet HTML 47Page - STMicroelectronics STE2007 Datasheet HTML 48Page - STMicroelectronics STE2007 Datasheet HTML 49Page - STMicroelectronics STE2007 Datasheet HTML 50Page - STMicroelectronics STE2007 Datasheet HTML 51Page - STMicroelectronics STE2007 Datasheet HTML 52Page - STMicroelectronics STE2007 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
STE2007
Commands
49/62
Table 31.
V0R
8.12.2
VOP set
Contrast Setting Adjustment .
Table 32.
VOP Set
Table 33.
VOP
(D/C)
D7
D6D5D4
D3D2D1
D0
HEX
V0R
Value
32 · V0R · B + VLCDMIN
0
0
0
100
000
20
0
3.00 V
0
001
21
1
4.28 V
0
010
22
2
5.56 V
0
011
23
3
6.84 V
0
1
0
0
24
4
8.12 V (Default)
0
101
25
5
9.40 V
0
1
1
0
26
6
10.68 V
0
1
1
1
27
7
11.96 V
(D/C)
D7D6
D5D4
D3D2D1D0
HEX
Function
0
1
1
1
0
0
0
0
1
E1
Command Identifier
0
VOP7 VOP6VOP5 VOP4VOP3VOP2VOP1VOP0
Data Field
VOP7 VOP6 VOP5 VOP4 VOP3 VOP2 VOP1 VOP0
HEX
VOP Adjustment
000000
00
00
0 Step (Default)
000000
01
01
+1 Step
000000
10
02
+2 Step
::
::::::
:
:
011111
11
7F
+127 Step
100000
00
80
0 Step
100000
01
81
-1 Step
::
::::::
:
:
111111
01
FD
-125 Step
111111
10
FE
-126 Step
111111
11
FF
-127 Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com