Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single-chip LCD controller/driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 9Page - STMicroelectronics STE2007 Datasheet HTML 10Page - STMicroelectronics STE2007 Datasheet HTML 11Page - STMicroelectronics STE2007 Datasheet HTML 12Page - STMicroelectronics STE2007 Datasheet HTML 13Page - STMicroelectronics STE2007 Datasheet HTML 14Page - STMicroelectronics STE2007 Datasheet HTML 15Page - STMicroelectronics STE2007 Datasheet HTML 16Page - STMicroelectronics STE2007 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
STE2007
Electrical characteristics
13/62
3.5
Driver TxData mode
Note:
1
Data Hold Time T1 depends on SCLK high time and Max Data Hold time. It is always 3-8ns
before SCLK pulse falling edge
2
The input signal rise and fall times must be within 10ns.
3
Every timing is specified on the basis of 30% and 70% of VDDI.
Note:
1
The input signal rise and fall times must be within 10ns.
2
Every timing is specified on the basis of 30% and 70% of VDDI.
Table 11.
Input signals change time
Signal
Symbol
Parameter
Min.
Typ.
Max.
Unit
Inputs
tr,tf
(1)
1.
To 30% & 70% levels
10
ns
Table 12.
Timings based on 4 MHz SCLK speed
Symbol
Item
Condition
Min.
Typ.
Max.
Units
T1
Data hold time
Note 1
100
125
ns
T2
Access time
–
10
100
ns
T3
Output disable time
–
25
100
ns
T4
Data setup time
–
100
–
ns
T5
!CS pulse width high
–
250
ns
Table 13.
Timings based on 1 MHz SCLK speed
Symbol
Item
Condition
Min.
Typ.
Max.
Units
T1
Data hold time
–
100
125
ns
T2
Access time
–
10
450
ns
T3
Output disable time
–
25
450
ns
T4
Data setup time
–
100
–
ns
T5
1CS pulse width high
–
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com