Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single-chip LCD controller/driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 7Page - STMicroelectronics STE2007 Datasheet HTML 8Page - STMicroelectronics STE2007 Datasheet HTML 9Page - STMicroelectronics STE2007 Datasheet HTML 10Page - STMicroelectronics STE2007 Datasheet HTML 11Page - STMicroelectronics STE2007 Datasheet HTML 12Page - STMicroelectronics STE2007 Datasheet HTML 13Page - STMicroelectronics STE2007 Datasheet HTML 14Page - STMicroelectronics STE2007 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
STE2007
Electrical characteristics
11/62
3.2
DC characteristics
VDD1 = 1.7 to 3.6 V; VDD2 = 1.75 to 4.2V; Vss1,2 = 0V; VLCD = 4.5 to 14.5 V;
Tamb = 25°C; unless otherwise specified.
Table 8.
DC characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD,VDDCP Power Supply Voltage
Operating Voltage
2.4
3.6
V
VDDI
Power Supply
Voltage(Logic)
I/O supply Voltage
1.6
3.6
V
VLCD
Booster Output
13.5
V
VLCD_SENSE Booster Sense Input
13.5
V
VLCD
LCD Supply Voltage
Accuracy
VLCD=10V; VDD=2.6V;
No display Load;
fSCLK=0Hz
-2.2
2.2
%
I(VDDI)
Logic Supply Current
Power Saver Mode ON
(Interfaces quiescent)
15
µA
Power Saver Mode OFF
(Interfaces quiescent)
620
µA
Write Mode
120
250
µA
I(VDD
+VDDCP)
Analog Supply Current
VLCD=10V;Booster= 5X;
fSCLK=0Hz; VDD=2.4V
Refresh Rate=75Hz;
no display load
90
180
µA
Logic inputs
VIH
Logic High level input
voltage
0.7VDDI
VDDI
V
VIL
Logic Low level input
voltage
Vss
0.3VDDI
V
IIH
Logic High level input
current
1
µA
IlL
Logic Low level input
current
-1
µA
Logic outputs
VOH
Logic High level output
voltage
lOUT = -500µA;
VDDI=1.6V
0.8VDDI
VDDI
V
VOL
Logic Low level output
voltage
lOUT = 500µA;
VDDI=1.6V
Vss
0.2VDDl
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com