Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single-chip LCD controller/driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 35Page - STMicroelectronics STE2007 Datasheet HTML 36Page - STMicroelectronics STE2007 Datasheet HTML 37Page - STMicroelectronics STE2007 Datasheet HTML 38Page - STMicroelectronics STE2007 Datasheet HTML 39Page - STMicroelectronics STE2007 Datasheet HTML 40Page - STMicroelectronics STE2007 Datasheet HTML 41Page - STMicroelectronics STE2007 Datasheet HTML 42Page - STMicroelectronics STE2007 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
STE2007
Display Data RAM (DDRAM)
39/62
5.4
Command parameters default configuration
Table 17.
Command parameters default configuration
Status
After Power On
After HW Reset
After SW Reset
Description
Driver status
MCU TxData–mode
MCU TxData–mode
MCU TxData–mode
Power saver mode
Power Saver Mode
Power Saver Mode
Power Saver Mode
Display mode
All Pixel On
All Pixel On
All Pixel On
Inversion
OFF
OFF
OFF
Display
OFF
OFF
OFF
Frame memory
Random
No change
No change
Page address
0hex
0hex
0hex
Columns address
0hex
0hex
0hex
Display start line
0hex
0hex
0hex
Segment drivers direction
Normal
Normal
Normal
Common drivers direction
Normal
Normal
Normal
VOR - Voltage range
4hex
4hex
4hex
Electronic volume
90hex
90hex
90hex
Power control register
Booster OFF
Booster OFF
Booster OFF
ID byte
0hex
0hex
0hex
IDA/IDB Pads
Charge pump
5x
5x
5x
Bias Ratio
1/10
1/10
1/10
VLCD Temperature Comp.
0ppm
0ppm
0ppm
N-Line inversion
Frame Inv.
Frame Inv.
Frame Inv.
Multiplexing rate
1/68
1/68
1/68
Refresh rate
80Hz
80Hz
80Hz
Image location
0hex
0hex
0hex
Icon mode
Disabled
Disabled
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com