Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single-chip LCD controller/driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 12Page - STMicroelectronics STE2007 Datasheet HTML 13Page - STMicroelectronics STE2007 Datasheet HTML 14Page - STMicroelectronics STE2007 Datasheet HTML 15Page - STMicroelectronics STE2007 Datasheet HTML 16Page - STMicroelectronics STE2007 Datasheet HTML 17Page - STMicroelectronics STE2007 Datasheet HTML 18Page - STMicroelectronics STE2007 Datasheet HTML 19Page - STMicroelectronics STE2007 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
Interface
STE2007
16/62
4
Interface
4.1
3-lines 9-bit serial interface
STE2007 3-lines 9 bits serial interface is a bidirectional link between the display driver and
the host processor.
It consists of three lines:
–
SDAIN/SDAOUT Serial Data
–
SCLK Serial Clock
–
!CS Peripheral enable: - Active Low- Enables and Disables the serial interface
The serial interface is active only if the !CS line is low. If !CS is low after the positive edge of
!RES, the serial interface is ready to receive data after the internal reset time. Serial data
must be input to SDA in the sequence D/!C, D7 to D0. STE2007 read data on SCLK rising
edge. The first bit of serial data D/!C is data/command flag. When D/!C =”1” D7 to D0 bits
are display RAM data or Command Parameters. When D/!C=”0” D7 to D0 bits identify a
command
4.1.1
MCU TxData mode (write mode)
STE2007 is always a slave device on the communication bus and receive the
communication clock on the SCLK pin from the master. Information are exchanged word-
wide. Every word is composed by 9 bit. The first bit is named D/!C and indicates whether the
following byte is a command (D/!C =0) or a Display Data Byte (D/!C =1).
During data transfer, the data line is sampled by the receiver unit on the SCLK rising edge.
The data/command received is transferred to DDRAM or Executed on the first falling edge
after the latching rising edge or on the !CS rising edge.
If !CS stays low after the last bit of a command/data byte, the serial interface expects the
D/!C bit of the next data byte on the next SCLK positive edge.
A reset pulse on !RES pin interrupts any transmission.
Figure 5.
MCU TxData mode
4.1.1.1 Data/command transfer break
If the Host processor generates an break condition (!CS Line HIGH before having received
Bit D0) while transferring a Data byte to the Frame Memory or a Command identifier or a
command parameter, the not complete received byte is discarded, the communication is
interrupted and the interface is forced in reset state.
When !CS line becomes low again to start a new communication session STE2007 is ready
to receive the same byte interrupted re-transmitted or a new command identifier.
!CS
D/C D7
D6
D5
D4
D3
D2
D1
D0 D/C
1
2
34
56
78
9
SCLK
D7
D6
D5
D4
11
10
12
13
14
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com