Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single-chip LCD controller/driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 14Page - STMicroelectronics STE2007 Datasheet HTML 15Page - STMicroelectronics STE2007 Datasheet HTML 16Page - STMicroelectronics STE2007 Datasheet HTML 17Page - STMicroelectronics STE2007 Datasheet HTML 18Page - STMicroelectronics STE2007 Datasheet HTML 19Page - STMicroelectronics STE2007 Datasheet HTML 20Page - STMicroelectronics STE2007 Datasheet HTML 21Page - STMicroelectronics STE2007 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
Interface
STE2007
18/62
4.1.2
Driver TxData Mode (read mode)
The Driver TxData–mode is a method to check the electrical interconnection between LCD
driver and baseband, to identify the driver and for VDD Intercfonnection electrical self
testing.
Self Testing of the electrical contacts is based on the monitoring of VLCD. The improper
electrical contact on VDD can be noted from a too low level of VLCD.
The serial interface Driver TxData–mode is controlled by three input signals.
The serial data output (SDAOUT/Driver TxData) and serial clock input (SCLK) are enabled
when !CS is low after having received one Reading Command.
To access Driver TxData–mode a Reading command must be sent to STE2007 driver. The
first bit (D/C) is low to indicates next 8–bits are for command. The data is read to the driver
on the rising edge of SCLK (see section ”MCU TxData–mode”). After last command bit (bit
0) is read SDAOUT becomes active (Low impedance) and MCU is able to read data from
driver.
SDAOUT is forced in high impedence when !CS line is forced high or after the eight SCLK
rising edges from the last SCLK rising edge of teh reading command transfer (Figure 8).
After sending out all 8 bits the driver release automatically the bus and go back to the MCU
TxData–mode. MCU Txdata line changes from high–z to active low or high in the falling
edge of 8th SCLK pulse. !CS must be set high and low again before !D/C writing can
continue.
If !CS is forced high during the Driver TxDAta-mode, the Driver Tx data session is aborted
and SDAOUT is forced in high impedance Mode.
SDAOUT and SDAIN line can be short circuited in normal working conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com