Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single-chip LCD controller/driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 42Page - STMicroelectronics STE2007 Datasheet HTML 43Page - STMicroelectronics STE2007 Datasheet HTML 44Page - STMicroelectronics STE2007 Datasheet HTML 45Page - STMicroelectronics STE2007 Datasheet HTML 46Page - STMicroelectronics STE2007 Datasheet HTML 47Page - STMicroelectronics STE2007 Datasheet HTML 48Page - STMicroelectronics STE2007 Datasheet HTML 49Page - STMicroelectronics STE2007 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
Commands
STE2007
46/62
8.6
Display start line address set
This command is used to specify the display start line address of the DDRAM.
If the display start line address is changed dynamically using this command, then screen
scrolling, page swapping can be performed.
Table 24.
Display start line address set
Display start line assress con be used in partial dispaly mode to relocate the partial display
window on the screen.
Display start line + Partial Display area with must be smaller or equal to the number of line
selected.
8.7
Segment driver direction select
This command can reverse the correspondence between the DDRAM column address and
the segment driver output.
Table 25.
Segment driver direction select
8.8
Common driver direction select
This command can reverse the correspondence between the DDRAM line address and the
common driver output.
Table 26.
Common driver direction select
* Disabled bit
(D/C)
D7
D6D5D4D3
D2D1D0
HEX
Setting
0
0
1000
000
40
0H
0
0
1000
001
41
1H
0
0
1000
010
42
2H
::
:
0
0
1111
110
7E
3EH
0
0
1111
111
7F
3FH
(D/C)
D7
D6D5
D4D3D2D1
D0
HEX
Setting
0
1
01
00
00
0
A0
Normal
01
A1
Reverse
(D/C)
D7D6D5
D4D3D2
D1D0
Setting
0
110
00
*
*
*
Normal
1*
*
*
Reverse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com