Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single-chip LCD controller/driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 20Page - STMicroelectronics STE2007 Datasheet HTML 21Page - STMicroelectronics STE2007 Datasheet HTML 22Page - STMicroelectronics STE2007 Datasheet HTML 23Page - STMicroelectronics STE2007 Datasheet HTML 24Page - STMicroelectronics STE2007 Datasheet HTML 25Page - STMicroelectronics STE2007 Datasheet HTML 26Page - STMicroelectronics STE2007 Datasheet HTML 27Page - STMicroelectronics STE2007 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
Interface
STE2007
24/62
Figure 15.
Bit transfer and START,STOP conditions definition
Figure 16.
Acknowledgment on the I2C-bus
4.3.1
Communication protocol
The STE2007 is an I2C slave. The access to the device is bi-directional since data write and
status read are allowed.
Four are the device addresses available for the device. All have in common the first 5 bits
(01111). The two least significant bit of the slave address are set by connecting the SA0 and
SA1 inputs to a logic 0 or to a logic 1.
4.3.2
Starting the communication
To start the communication between the bus master and the slave LCD driver, the master
must initiate a START condition. Following this, the master sends an 8-bit byte, on the SDA
bus line (Most significant bit first). This consists of the 7-bit Device Address Code, and the 1-
bit Read/Write Designator (R/W). The R/W bit has to be set to logic 1 to logic 0 according to
the type of communication (read or write).
All slaves with the corresponding address acknowledge in parallel, all the others ignore the
I2C-bus transfer.
Figure 17.
Addree byte
DATA LINE
STABLE
DATA VALID
CHANGE OF
DATA ALLOWED
START
CONDITION
STOP
CONDITION
CLOCK
DATA
D00IN1151
START
CLOCK PULSE FOR
ACKNOWLEDGEMENT
DATA OUTPUT
BY RECEIVER
SCLK FROM
MASTER
DATA OUTPUT
BY TRANSMITTER
D00IN1152
1
MSB
LSB
28
9
STE2007
SLAVE ADDRESS
S
01111
0
A
R
/
W
S
1
A
READ or WRITE
DESIGNATOR
ADDRESS BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com