Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247D Datasheet(PDF) 132 Page - STMicroelectronics

Part # STV8247D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247D Datasheet(HTML) 132 Page - STMicroelectronics

Back Button STV8247D Datasheet HTML 128Page - STMicroelectronics STV8247D Datasheet HTML 129Page - STMicroelectronics STV8247D Datasheet HTML 130Page - STMicroelectronics STV8247D Datasheet HTML 131Page - STMicroelectronics STV8247D Datasheet HTML 132Page - STMicroelectronics STV8247D Datasheet HTML 133Page - STMicroelectronics STV8247D Datasheet HTML 134Page - STMicroelectronics STV8247D Datasheet HTML 135Page - STMicroelectronics STV8247D Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 156 page
background image
Register List
STV82x7
132/156
12.19 Beeper
BEEPER_ON
Beeper Activation Register
BEEPER_MODE
Beeper Control Register
SCART_R_
VOLUME_LSB[1:0]
00
SCART 10 bits volume Right channel 2 LSB in independent mode or SCART10 bits Left and Right
balance 2 LSB in differential mode.
See Figure 20: Volume Control on page 38 or Figure 21: Differential Balance on page 39.
Address: EEh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
0
0
0
BEEPER_ON
Bit Name
Reset
Function
Bits [7:1]
0000000 Reserved.
BEEPER_ON
0
Beeper Enable
0: Beeper muted (Default.)
1: Beeper enabled.
Address: EFh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
BEEPER_DURATION
BEEPER_
PULSE
BEEPER_PATH
Bit Name
Reset
Function
Bits [7:5]
000
Reserved.
BEEPER_
DURATION [4:3]
00
Define beeper duration when set to pulse mode.
BEEPER_PULSE
0
Set beeper pulse mode
0: Pulse mode selected.
1: Continuous mode selected.
BEEPER_PATH [1:0] 11
Set the output channels when beeper is active
00: no channels.
01: Loudspeakers only.
10: Headphone only.
11: Loudspeakers and Headphone selected.
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com