Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247D Datasheet(PDF) 135 Page - STMicroelectronics

Part # STV8247D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247D Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STV8247D Datasheet HTML 131Page - STMicroelectronics STV8247D Datasheet HTML 132Page - STMicroelectronics STV8247D Datasheet HTML 133Page - STMicroelectronics STV8247D Datasheet HTML 134Page - STMicroelectronics STV8247D Datasheet HTML 135Page - STMicroelectronics STV8247D Datasheet HTML 136Page - STMicroelectronics STV8247D Datasheet HTML 137Page - STMicroelectronics STV8247D Datasheet HTML 138Page - STMicroelectronics STV8247D Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 156 page
background image
135/156
STV82x7
Register List
12.23 DAC Control
DAC_CONTROL
DAC Control Register
HP_FORCE
0
1: force output of the HP signal (bypass surround)
HP_LS_MUTE
0
0: when HP is detected and active, LS are not muted
1: when HP is detected and active, LS are muted
HP_DET_ACTIVE
1
0: HP detection is not active
1: HP detection is active, when HP detected, Surround signal is bypassed and HP signal is output
on HP
HP_DETECTED
0
1: When a signal is detected on HP_DET pin (STATUS)
Address: F4h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
S/PDIF_MUX
DAC_SCART_
MUTE
DAC_SHP_
MUTE
DAC_CSUB_
MUTE
DAC_LSLR_
MUTE
POWER_UP
Bit Name
Reset
Function
Bits [7:6]
00
Reserved.
S/PDIF_MUX
0
redirect external or internal S/PDIF source to S/PDIF output :
0: internal S/PDIF
1: external S/PDIF
DAC_SCART_MUTE
1
SCART left/right analog soft mute
0: signal un-muted
1: signal muted
DAC_SHP_MUTE
1
Surround/HP left/right analog soft mute
0: signal un-muted
1: signal muted
DAC_CSUB_MUTE
1
Center/Subwoofer analog soft mute
0: signal un-muted
1: signal muted
DAC_LSLR_MUTE
1
LS left/right analog soft mute
0: signal un-muted
1: signal muted
POWER_UP
1
0: DACs Power OFF
1: Power ON
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com