Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247D Datasheet(PDF) 138 Page - STMicroelectronics

Part # STV8247D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247D Datasheet(HTML) 138 Page - STMicroelectronics

Back Button STV8247D Datasheet HTML 134Page - STMicroelectronics STV8247D Datasheet HTML 135Page - STMicroelectronics STV8247D Datasheet HTML 136Page - STMicroelectronics STV8247D Datasheet HTML 137Page - STMicroelectronics STV8247D Datasheet HTML 138Page - STMicroelectronics STV8247D Datasheet HTML 139Page - STMicroelectronics STV8247D Datasheet HTML 140Page - STMicroelectronics STV8247D Datasheet HTML 141Page - STMicroelectronics STV8247D Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 156 page
background image
Register List
STV82x7
138/156
AUTOSTD_COEFF_INDEX_LSB
AUTOSTD_COEFF_VALUE
Note:
These four registers (AUTOSTD_COEFF_CTRL, AUTOSTD_COEFF_INDEX_MSB,
AUTOSTD_COEFF_INDEX_LSB and AUTOSTD_COEFF_VALUE) can be used to change
parameter settings for the following parts of channel 1 or channel 2:
- Channel carrier DCO frequency (register CARFQxx)
- Channel filter coefficients (registers FIRxCx)
- PLL baseband AM/FM demodulators proportional and integral coefficients (registers ACOEFFx or
BCOEFFx)
- Demodulator mode selection (register DEMOD_CTRL)
- IF AGC control (AGC_CTRL)
- Channel 2 symbol tracking loop parameters (register SCOEFF)
- Zweiton control (register ZWT_CTRL)
While keeping the AUTOSTANDARD function always active.
New values for all parameters mentioned above are kept instead of the values automatically sent by
the AUTOSTANDARD function.
Bit Name
Reset
Function
Bits [7:2]
0000000 Reserved.
AUTOSTD_COEFF
_INDEX_MSB
0
FIR Coefficients table index (MSB)
Address: FDh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
AUTOSTD_COEFF_INDEX_LSB[7:0]
Bit Name
Reset
Function
AUTOSTD_COEFF
_INDEX_LSB[7:0]
0000
0000
FIR Coefficients table index (LSB)
Address: FEh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
AUTOSTD_COEFF_VALUE[7:0]
Bit Name
Reset
Function
AUTOSTD_COEFF
_VALUE[7:0]
0000
0000
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com