Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247D Datasheet(PDF) 140 Page - STMicroelectronics

Part # STV8247D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247D Datasheet(HTML) 140 Page - STMicroelectronics

Back Button STV8247D Datasheet HTML 136Page - STMicroelectronics STV8247D Datasheet HTML 137Page - STMicroelectronics STV8247D Datasheet HTML 138Page - STMicroelectronics STV8247D Datasheet HTML 139Page - STMicroelectronics STV8247D Datasheet HTML 140Page - STMicroelectronics STV8247D Datasheet HTML 141Page - STMicroelectronics STV8247D Datasheet HTML 142Page - STMicroelectronics STV8247D Datasheet HTML 143Page - STMicroelectronics STV8247D Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 156 page
background image
Electrical Characteristics
STV82x7
140/156
13
Electrical Characteristics
Test Conditions: TOPER = 25° C, VCC_H = 8 V, VXX_18 = 1.8 V, VXX_33 = 3.3 V, Oscillator at 27 MHz,
default register values for synthesizer, otherwise specified.
13.1
Absolute Maximum Ratings
13.2
Thermal Data
13.3
Power Supply Data
Symbol
Parameter
Value
Units
VXX_18
Analog and Digital 1.8 V Supply Voltage
(VCC18_CLK1, VCC18_CLK2, VCC18_IF, VDD18, VDD18_CONV, VDD18_ADC)
2.5
V
VXX_33
Analog and Digital 3.3 V Supply Voltage
(VCC33_SC, VCC33_LS, VDD33_IO1, VDD33_IO2, VDD33_CONV, VCC_NISO)
4.0
V
HVCC
Analog Supply High Voltage (VCC_H)
8.8
V
VESD
Capacitor 100 pF discharged via 1.5 k
Ω serial resistor (Human Body Model)
4
kV
TOPER
Operating Ambient Temperature
0, +70
°C
TSTG
Storage Temperature
-55 to +150
°C
Symbol
Parameter
Value
Units
RthJA
Junction-to-Ambient Thermal Resistance
42
°C/W
Symbol
Parameter
Min.
Typ.
Max.
Units
VXX_18
Analog and Digital 1.8 V Supply Voltage
(VCC18_CLK1, VCC18_CLK2, VCC18_IF, VDD18, VDD18_CONV, VDD18_ADC)
1.70
1.80
1.90
V
VXX_33
Analog and Digital 3.3 V Supply Voltage
(VCC33_SC, VCC33_LS, VDD33_IO1, VDD33_IO2, VDD33_CONV, VCC_NISO)
3.13
3.30
3.47
V
HVCC
Analog Supply High Voltage (VCC_H)
7.6
8.0
8.4
V
IVDD18
Current Consumption for Digital 1.8 V Supply (VCC18_CLK2, VDD18, VDD18_CONV,
VDD18_ADC)
230
280
mA
IVDD33
Current Consumption for Digital 3.3 V Supply ( VDD33_IO1, VDD33_IO2)
10
12
mA
IVCC18
Current Consumption for Analog 1.8 V Supply (VCC18_CLK1, VCC18_IF)
50
60
mA
IVCC33
Current Consumption for Analog 3.3 V Supply (VCC33_SC, VCC33_LS, VDD33_CONV,
VCC_NISO)
65
78
mA
IVCC_H
Current Consumption for Analog Supply High Voltage (8 V)
4
7
mA
PDTOT
Total Power Dissipation
780
965
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com