Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247D Datasheet(PDF) 142 Page - STMicroelectronics

Part # STV8247D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247D Datasheet(HTML) 142 Page - STMicroelectronics

Back Button STV8247D Datasheet HTML 138Page - STMicroelectronics STV8247D Datasheet HTML 139Page - STMicroelectronics STV8247D Datasheet HTML 140Page - STMicroelectronics STV8247D Datasheet HTML 141Page - STMicroelectronics STV8247D Datasheet HTML 142Page - STMicroelectronics STV8247D Datasheet HTML 143Page - STMicroelectronics STV8247D Datasheet HTML 144Page - STMicroelectronics STV8247D Datasheet HTML 145Page - STMicroelectronics STV8247D Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 156 page
background image
Electrical Characteristics
STV82x7
142/156
13.6
SIF to I²S Output Path Characteristics
Test Conditions: SIF amplitude = 10 mVpp, otherwise specified, I²S output.
13.7
SCART to SCART Analog Path Characteristics
Test Conditions: RloadMAX = 10kΩ, CloadMAX = 330pF, MONO_IN voltage = 0.5 VRMS
DFSIFAM
SIF Carrier Accuracy for AM
±1
±5
kHz
RAM/QPSK
AM/QPSK Carrier Ratio for NICAM System
NICAM Mute, 100 mVPP AM
carrier
36
dB
AGC
AGCstep
IF AGC Step
1.4
1.5
1.6
dB
AGCdyn
Relative maximum gain to step 0
Valid from step 21 to step 31
29
30
31
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
FM Demodulation
BANDFM
Frequency Response
20 Hz - 15 kHz
±0.7
dB
SNRFM
Signal to Noise
RMS unweighted, 20 Hz-15k Hz,
Standard B/G 27 kHz FM Deviation,1 kHz
66
dB
THDFM
Total Harmonic Distortion
0.05
%
SEPFM
Stereo Channel Separation
Standard B/G stereo A2, 27 kHz FM
deviation, 1 kHz
48
dB
NICAM Demodulation
BANDNIC
Frequency Response
20 Hz - 15 kHz
±0.2
dB
SNRNIC
Signal to Noise
200 Hz - 60 dBFS, trap filter 200 Hz
RMS unweighted, 20 Hz-15 kHz,
Standard B/G mono NICAM,1 kHz
74
dB
THDNIC
Total Harmonic Distortion
0.04
%
AM Demodulation
BANDAM
Frequency Response
20 Hz - 15 kHz
±0.5
dB
SNRAM
Signal to Noise
RMS unweighted 2 0 Hz-15 kHz,
Standard L, 54% AM Depth, 1 kHz
AGC: 13d
60
dB
THDAM
Total Harmonic Distortion
0.4
%
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Analog-to-Analog STEREO and MONO
RINSCART
SCART Input Resistance
29
34
39
k
Ω
ROUTSCART
Output Resistance for SCARTs
40
75
Ω
VDCINSCART SCART Input DC Level
1.45
1.57
1.65
V
VDCOUTSCART SCART Output DC Level
3.4
3.64
3.8
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com