Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247D Datasheet(PDF) 144 Page - STMicroelectronics

Part # STV8247D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247D Datasheet(HTML) 144 Page - STMicroelectronics

Back Button STV8247D Datasheet HTML 140Page - STMicroelectronics STV8247D Datasheet HTML 141Page - STMicroelectronics STV8247D Datasheet HTML 142Page - STMicroelectronics STV8247D Datasheet HTML 143Page - STMicroelectronics STV8247D Datasheet HTML 144Page - STMicroelectronics STV8247D Datasheet HTML 145Page - STMicroelectronics STV8247D Datasheet HTML 146Page - STMicroelectronics STV8247D Datasheet HTML 147Page - STMicroelectronics STV8247D Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 156 page
background image
Electrical Characteristics
STV82x7
144/156
13.10 I²S to SCART Path Characteristics
Test Conditions: Sampling Frequency = 32 kHz, CLOAD = 33nF on DAC SCART pins, DAC SCART
prescale at -5.5 dB
.
13.11 MUTE Characteristics
13.12 Digital I/Os Characteristics
THDDAC
Total Harmonic Distortion
90% Full-scale Range at 1 kHz
0.06
%
SNRDAC
Signal to Noise Ratio
20 to 15 kHz Bandwidth, RMS unweighted,
at -20 dB full range
75
dB
VOUTAMPDAC MAIN Output Amplitude
100% Full-scale Range at 1 kHz
800
900
1050
mVRMS
XTALKDAC
Left Right Crosstalk
at 1 kHz, -20 dBFS
87
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
THDDACSCART
Total Harmonic Distortion
90% Full-scale Range at 1 kHz
0.08
0.12
%
SNRDACSCART Signal to Noise Ratio
20 Hz to 15 kHz Bandwidth unweighted,
-20 dB Full Range
73
dB
VODACSCART
MAIN Output Amplitude
100% Full-scale Range at 1 kHz
1.75
2
2.25
VRMS
XTALKDACSCART Left Right Crosstalk
at 1 kHz, -20 dBFS
80
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
MUTEDAC
DAC Mute analog
I2S to DAC at 1 kHz
90
dB
MUTESCART
SCART Mute
2VRMS @ 1 kHz on ref signal, all other
inputs grounded
81
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
IL
Low Level Input Voltage
Except SDA, SCL and CLK_SEL, 3.3 V
power supply
0.5
V
V
IH
High Level Input Voltage
Except SDA, SCL and CLK_SEL, 3.3 V
power supply
2.0
V
IIN
Input Current
1
µA
VILCLK_SEL
CLK_SEL Low Level Input
Voltage
1.8 V power supply
0.3
V
VIHCLK_SEL
CLK_SEL High Level Input
Voltage
1.8 V power supply
1.2
V
V
OL
Low Level Output Voltage
S/PDIF_OUT, IRQ, BUS_EXP
0.3
V
V
OH
High Level Output Voltage
S/PDIF_OUT, IRQ, BUS_EXP
3.0
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com