Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247D Datasheet(PDF) 136 Page - STMicroelectronics

Part # STV8247D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247D Datasheet(HTML) 136 Page - STMicroelectronics

Back Button STV8247D Datasheet HTML 132Page - STMicroelectronics STV8247D Datasheet HTML 133Page - STMicroelectronics STV8247D Datasheet HTML 134Page - STMicroelectronics STV8247D Datasheet HTML 135Page - STMicroelectronics STV8247D Datasheet HTML 136Page - STMicroelectronics STV8247D Datasheet HTML 137Page - STMicroelectronics STV8247D Datasheet HTML 138Page - STMicroelectronics STV8247D Datasheet HTML 139Page - STMicroelectronics STV8247D Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 156 page
background image
Register List
STV82x7
136/156
DAC_SW_CHANNELS
DAC Switch Channels Register
SPDIF_SW_CHANNELS
SPDIF Switch Channels Register
SPDIF_CHANNEL_STATUS
Address: F5h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SUR_HP_SW
C_SUB_SW
LS_L_R_SW
SCART_SW
Bit Name
Reset
Function
SUR_HP_SW
00
HP/Surround DAC:
00: Left/Right channels non inverted
11: Left/Right channels inverted
C_SUB_SW
00
Center/SubDAC:
00: Left/Right channels non inverted
11: Left/Right channels inverted
LS_L_R_SW
00
LS Left-Right DAC:
00: Left/Right channels non inverted
11: Left/Right channels inverted
SCART_SW
00
SCART DAC:
00: Left/Right channels non inverted
11: Left/Right channels inverted
Address: F6h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
00
00
SPDIF_SW
Bit Name
Reset
Function
Bits [7:2]
000000
Reserved.
SPDIF_SW
00
SPDIF output:
00: Left/Right channels non inverted
11: Left/Right channels inverted
Address: F9h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CHANNEL_STATUS
EMPHASIS
COPYRIGHT
NON_AUDIO
PRO_CON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com