Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3421 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3421 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3421 Datasheet HTML 1Page - National Semiconductor (TI) LM3421 Datasheet HTML 2Page - National Semiconductor (TI) LM3421 Datasheet HTML 3Page - National Semiconductor (TI) LM3421 Datasheet HTML 4Page - National Semiconductor (TI) LM3421 Datasheet HTML 5Page - National Semiconductor (TI) LM3421 Datasheet HTML 6Page - National Semiconductor (TI) LM3421 Datasheet HTML 7Page - National Semiconductor (TI) LM3421 Datasheet HTML 8Page - National Semiconductor (TI) LM3421 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Connection Diagrams
Top View
30067304
16-Lead TSSOP EP
NS Package Number MXA16A
Top View
30067366
20-Lead TSSOP EP
NS Package Number MXA20A
Ordering Information
Order Number
Spec.
Package Type
NSC Package
Drawing
Supplied As
LM3421MH
NOPB
TSSOP-16 EP
MXA16A
92 Units, Rail
LM3421MHX
NOPB
TSSOP-16 EP
MXA16A
2500 Units, Tape and Reel
LM3423MH
NOPB
TSSOP-20 EP
MXA20A
73 Units, Rail
LM3423MHX
NOPB
TSSOP-20 EP
MXA20A
2500 Units, Tape and Reel
Pin Descriptions
LM3423
LM3421
Name
Function
1
1
V
IN
Power supply input (4.5V-75V). Bypass with 100nF capacitor to AGND as close to the device
as possible in the circuit board layout.
2
2
EN
Enable: Pull to ground for zero current shutdown. Tie directly to V
IN for automatic startup at
4.1V.
3
3
COMP
Compensation: PWM controller error amplifier compensation pin. This pin connects through
a series resistor-capacitor network to AGND.
4
4
CSH
Current Sense High: Output of the high side sense amplifier and input to the main regulation
loop error amplifier.
5
5
RCT
Resistor Capacitor Timing: External RC network sets the predictive “off-time” and thus the
switching frequency. The RC network should be placed as close to the device as possible in
the circuit board layout.
6
6
AGND
Analog Ground: The proper place to connect the compensation and timing capacitor returns.
This pin should be connected via the circuit board to the PGND pin through the EP copper
circuit board pad.
7
7
OVP
Over-Voltage Protection sense input: 1.24V threshold with hysteresis that is user
programmable by the selection of the OVP Over-Voltage Lock-Out (OVLO) resistor divider
network.
8
8
nDIM
Not DIM input: Dual function pin. Primarily used as the Pulse Width Modulation (PWM) input.
When driven with a resistor divider from V
IN, this pin also functions as a user programmable
V
IN Under-Voltage Lock-Out (UVLO) with 1.24V threshold and programmable hysteresis by
the UVLO resistor divider network. The PWM and UVLO functions can be performed
simultaneously.
9
-
FLT
Fault flag: This is an N-channel MOSFET open drain output. The FLT pin transitions to the
high (open) state once the Fault Timer has timed out and latched the controller off.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com